Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8017ECP55 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV8017ECP55
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017ECP55 Datasheet(HTML) 8 Page - Brilliance Semiconductor

  BS616LV8017ECP55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017ECP55 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision 2.1
Jan.
2004
8
BS616LV8017
BSI
R0201-BS616LV8017
ORDERING INFORMATION
PACKAGE DIMENSIONS
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL 0.35±0.05
VIEW A
3.375
48 mini-BGA (9mm x 12mm)
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
BS616LV8017 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free
PACKAGE
F :BGA-48-0912
E :TSOP2-44


Similar Part No. - BS616LV8017ECP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017ECP55 BSI-BS616LV8017ECP55 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017ECP55 BSI-BS616LV8017ECP55 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017ECP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8015 BSI-BS616LV8015 Datasheet
204Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com