Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5396ACS-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5396ACS-T7
Description  Triple 400MHz Fixed Gain Amplifier with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5396ACS-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5396ACS-T7 Datasheet HTML 5Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 6Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 7Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 8Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 9Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 10Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 11Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 12Page - Intersil Corporation EL5396ACS-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Typical Performance Curves (Continued)
1
0.9
0.7
0.3
0.2
0.1
0
0.5
0.8
0.6
0.4
-50
0
50
75
100
125
-25
25
-40
85
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
Ambient Temperature (°C)
1.4
0.6
0.4
0.2
0
1
1.2
0.8
-50
0
50
75
100
125
-25
25
-40
85
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity Test Board
Ambient Temperature (°C)
1.250W
893mW
QS
OP
16
11
2°C
/W
909mW
633mW
QS
OP
16
15
8°C
/W
EL5396A


Similar Part No. - EL5396ACS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5396ACS-T7 RENESAS-EL5396ACS-T7 Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results

Similar Description - EL5396ACS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com