Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5252IY Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5252IY
Description  300MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5252IY Datasheet(HTML) 1 Page - Intersil Corporation

  EL5252IY Datasheet HTML 1Page - Intersil Corporation EL5252IY Datasheet HTML 2Page - Intersil Corporation EL5252IY Datasheet HTML 3Page - Intersil Corporation EL5252IY Datasheet HTML 4Page - Intersil Corporation EL5252IY Datasheet HTML 5Page - Intersil Corporation EL5252IY Datasheet HTML 6Page - Intersil Corporation EL5252IY Datasheet HTML 7Page - Intersil Corporation EL5252IY Datasheet HTML 8Page - Intersil Corporation EL5252IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7385.3
PRELIMINARY
EL5152, EL5153, EL5252, EL5455
300MHz Amplifiers
The EL5152, EL5153, EL5252, and EL5455 are 300MHz
bandwidth -3dB voltage mode feedback amplifiers with DC
accuracy of < 0.01%, 1mV offsets and 50kV/V open loop
gains. These amplifiers are ideally suited for applications
ranging from precision measurement instrumentation to
high-speed video and monitor applications demanding
higher linearity at higher frequency. Capable of operating
with as little as 3.0mA of current from a single supply ranging
from 5V to 12V dual supplies ranging from ±2.5V to ±5.0V
these amplifiers are also well suited for handheld, portable
and battery-powered equipment.
Single amplifiers are offered in SOT-23 packages and duals
in a 10-pin MSOP package for applications where board
space is critical. Quad amplifiers are available in a 14-pin SO
package. Additionally, singles and duals are available in the
industry-standard 8-pin SO. All parts operate over the
industrial temperature range of -40°C to +85°C.
Features
• 270MHz -3dB bandwidth
• 180V/µs slew rate
• ±1mV maximum VOS
• Very high open loop gains 50kV/V
• Low supply current = 3mA
• 105mA output current
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5152 and EL5252
•Low cost
• Pb-Free available (RoHS compliant)
Applications
•Imaging
• Instrumentation
•Video
• Communications devices
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL5152IS
8-Pin SO
-
MDP0027
EL5152IS-T7
8-Pin SO
7”
MDP0027
EL5152IS-T13
8-Pin SO
13”
MDP0027
EL5152ISZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL5152ISZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL5152ISZ-
T13 (See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL5153IW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL5153IW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL5153IWZ-T7
(See Note)
5-Pin SOT-23
(Pb-free)
7” (3K pcs)
MDP0038
EL5153IWZ-
T7A (See Note)
5-Pin SOT-23
(Pb-free)
7” (250 pcs)
MDP0038
EL5252IY
10-Pin MSOP
-
MDP0043
EL5252IY-T7
10-Pin MSOP
7”
MDP0043
EL5252IY-T13
10-Pin MSOP
13”
MDP0043
EL5455IS
14-Pin SO
-
MDP0027
EL5455IS-T7
14-Pin SO
7”
MDP0027
EL5455IS-T13
14-Pin SO
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
February 17, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5252IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5252IY INTERSIL-EL5252IY Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5252IY INTERSIL-EL5252IY Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5252IY INTERSIL-EL5252IY Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5252IY RENESAS-EL5252IY Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5252IY-T13 INTERSIL-EL5252IY-T13 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5252IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
logo
Linear Technology
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com