Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5601 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5601
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5601 Datasheet HTML 1Page - Fairchild Semiconductor FAN5601 Datasheet HTML 2Page - Fairchild Semiconductor FAN5601 Datasheet HTML 3Page - Fairchild Semiconductor FAN5601 Datasheet HTML 4Page - Fairchild Semiconductor FAN5601 Datasheet HTML 5Page - Fairchild Semiconductor FAN5601 Datasheet HTML 6Page - Fairchild Semiconductor FAN5601 Datasheet HTML 7Page - Fairchild Semiconductor FAN5601 Datasheet HTML 8Page - Fairchild Semiconductor FAN5601 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FAN5601
PRODUCT SPECIFICATION
REV. 1.0.4 4/4/05
5
Typical Performance Characteristics
TA = 25°C, CIN = COUT =10µF, CB = 1µF, VOUT = 1.3V, unless otherwise noted.
020
406080
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (10
µs/div)
VIN = 2 V to 4.4V
IOUT = 10mA
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
28
30
32
34
36
38
40
42
44
46
Input Voltage (V)
IOUT = 0mA
2.5
3.0
3.54.0
4.55.0
5.5
10
20
30
40
50
60
70
Input Current vs Input Voltage
Shutdown Current vs Input Voltage
Input Voltage (V)
VOUT = 0V
VIN = 4.4V
VIN = 2V
-60
-40
-20
0
20
40
60
80
100
120
140
1.26
1.27
1.28
1.29
1.30
1.31
Output Voltage vs Ambient Temperature
Ambient Temperature (
°C)
IOUT = 10mA
VIN = 4V
Mode Change Threshold and Hysteresis
vs Load Current
Hysteresis
Low Threshold
High Threshold
Load Current (mA)
Line Transient Response
Load Transient Response
Time (1ms/div)
VIN = 3.3V
IOUT = 1mA
IOUT = 100mA


Similar Part No. - FAN5601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com