Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMG22-KSR-G24 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EMG22-KSR-G24
Description  Low control current (terminal block B), type-dependent from 0.5 mA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EMG22-KSR-G24 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EMG22-KSR-G24 Datasheet HTML 1Page - PHOENIX CONTACT EMG22-KSR-G24 Datasheet HTML 2Page - PHOENIX CONTACT EMG22-KSR-G24 Datasheet HTML 3Page - PHOENIX CONTACT EMG22-KSR-G24 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2952156
10/22/2014   Page 1 / 4
Hybrid relay - EMG 22-REL/KSR-G 24/TRP12 - 2952156
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay module, with miniature switching relay, with integrated PNP transistor control, for low control currents,
contact (AgNi): Medium to large loads, 1 PDT, 12 V DC nominal control voltage
The illustration shows version EMG
22,5 REL, with integrated p-n-p
transistor control
Product Features
 Low control current (terminal block B), type-dependent from 0.5 mA
 Safe isolation according to DIN EN 50178 between coil and contact
 Integrated input circuit and interference suppression circuit
 Type-dependent positive or negative control current
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
70.29 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
22.5 mm
Height
75 mm


Similar Part No. - EMG22-KSR-G24

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG22-KSR-120 PHOENIX-EMG22-KSR-120 Datasheet
114Kb / 4P
   The illustration shows version EMG 22-REL/KSR- 24/21, with soldered-in miniature switching relay
EMG22-KSR-230 PHOENIX-EMG22-KSR-230 Datasheet
60Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-24 PHOENIX-EMG22-KSR-24 Datasheet
66Kb / 2P
   Relay module, with soldered-in miniature switching relay, contact (AgNi): Medium to large loads, 2 PDT, input voltage 24 V AC/DC
EMG22-KSR-48 PHOENIX-EMG22-KSR-48 Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-60 PHOENIX-EMG22-KSR-60 Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
More results

Similar Description - EMG22-KSR-G24

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG22-TRP5 PHOENIX-EMG22-TRP5 Datasheet
61Kb / 4P
   Low control current (terminal block B), type-dependent from 0.5 mA
EMG22-TRN5 PHOENIX-EMG22-TRN5 Datasheet
65Kb / 5P
   Low control current (terminal block B), type-dependent from 0.5 mA
logo
AVAGO TECHNOLOGIES LIMI...
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
logo
EXCEL CELL ELECTRONIC C...
ETBF60 ECE-ETBF60 Datasheet
106Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBM50 ECE-ETBM50 Datasheet
126Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB62 ECE-ETB62 Datasheet
152Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBV50 ECE-ETBV50 Datasheet
308Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB61 ECE-ETB61 Datasheet
142Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB67 ECE-ETB67 Datasheet
144Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com