Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN24AMLX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FIN24AMLX
Description  Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24AMLX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FIN24AMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
3
www.fairchildsemi.com
Terminal Description
Note 1: The DSO/DSI serial port pins have been arranged such that when one device is rotated 180 degrees with respect to the other device the serial con-
nections will properly align without the need for any traces or cable signals to cross. Other layout orientations may require that traces or cables cross.
Control Logic Circuitry
The FIN24A has the ability to be used as a 24-bit Serializer
or a 24-bit Deserializer. Pins S1 and S2 must be set to
accommodate the clock reference input frequency range of
the serializer. The table below shows the pin programming
of these options based on the S1 and S2 control pins. The
DIRI pin controls whether the device is a serializer or a
deserializer. When DIRI is asserted LOW, the device is
configured as a deserializer. When the DIRI pin is asserted
HIGH, the device will be configured as a serializer. Chang-
ing the state on the DIRI signal will reverse the direction of
the I/O signals and generate the opposite state signal on
DIRO. For unidirectional operation the DIRI pin should be
hardwired to the HIGH or LOW state and the DIRO pin
should be left floating. For bi-directional operation the DIRI
of the master device will be driven by the system and the
DIRO signal of the master will be used to drive the DIRI of
the slave device.
Serializer/Deserializer
with Dedicated I/O Variation
The serialization and deserialization circuitry is setup for 24
bits. Because of the dedicated inputs and outputs only 22
bits of data are ever serialized or deserialized. Regardless
of the mode of operation the serializer is always sending 24
bits of data plus 2 boundary bits and the deserializer is
always receiving 24 bits of data and 2 word boundary bits.
Bits 23 and 24 of the serializer will always contain the value
of zero and will be discarded by the deserializer. DP[21:22]
input to the serializer will be deserialized to DP[23:24]
respectively.
Turn-Around Functionality
The device passes and inverts the DIRI signal through the
device asynchronously to the DIRO signal. Care must be
taken by the system designer to insure that no contention
occurs between the deserializer outputs and the other
devices on this port. Optimally the peripheral device driving
the serializer should be put into a HIGH Impedance state
prior to the DIRI signal being asserted.
When a device with dedicated data outputs turns from a
deserializer to a serializer the dedicated outputs will remain
at the last logical value asserted. This value will only
change if the device is once again turned around into a
deserializer and the values are overwritten.
Terminal Name
I/O Type
Number
of
Terminals
Description of Signals
DP[1:20]
I/O
20
LVCMOS Parallel I/O. Direction controlled by DIRI pin
DP[21:22]
I
2
LVCMOS Parallel Unidirectional Inputs
DP[23:24]
O
2
LVCMOS Unidirectional Parallel Outputs
CKREF
IN
1
LVCMOS Clock Input and PLL Reference
STROBE
IN
1
LVCMOS Strobe Signal for Latching Data into the Serializer
CKP
OUT
1
LVCMOS Word Clock Output
DSO
 / DSI
DSO
 / DSI
DIFF-I/O
2
LpLVDS Differential Serial I/O Data Signals (Note 1)
DSO: Refers to output signal pair
DSI: Refers to input signal pair
DSO(I)
: Positive signal of DSO(I) pair
DSO(I)
: Negative signal of DSO(I) pair
CKSI
, SKSI
DIFF-IN
2
LpLVDS Differential Deserializer Input Bit Clock
CKSI: Refers to signal pair
CKSI
: Positive signal of CKSI pair
CKSI
: Negative signal of CKSI pair
CKSO
, SKSO DIFF-OUT
2
LpLVDS Differential Serializer Output Bit Clock
CKSO: Refers to signal pair
CKSO
: Positive signal of CKSO pair
CKSO
: Negative signal of CKSO pair
S1
IN
1
LVCMOS Mode Selection terminals used to select
S2
IN
1
Frequency Range for the RefClock, CKREF
DIRI
IN
1
LVCMOS Control Input
Used to control direction of Data Flow:
DIRI
“1” Serializer, DIRI
“0” Deserializer
DIRO
OUT
1
LVCMOS Control Output
Inversion of DIRI
VDDP
Supply
1
Power Supply for Parallel I/O and Translation Circuitry
VDDS
Supply
1
Power Supply for Core and Serial I/O
VDDA
Supply
1
Power Supply for Analog PLL Circuitry
GND
Supply
0
Use Bottom Ground Plane for Ground Signals


Similar Part No. - FIN24AMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24AMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com