Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM574 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FM574
Description  Nonvolatile Octal Latch/Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM574 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FM574 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM574 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
This data sheet contains specifications for a product under development.
Ramtron International Corporation
Characterization is not complete; specifications may change without notice.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
27 March 2001
www.ramtron.com
1/10
FM573/574
Nonvolatile Octal Latch/Register
Features
8-bit Nonvolatile Latch
Logic state is preserved in the absence of power
Over 10 Billion (10
10) nonvolatile state changes
Advanced high-reliability ferroelectric process
Operates like conventional CMOS logic
Transparent (573) or D-Flip-flop (574) operation
FM573 transparent for C high, latched for C low
FM574 data is clocked on the rising edge of C
33/80 ns data propagation delay (5V/3V)
30 MHz/12 MHz Maximum frequency (5V/3V)
Automatic Nonvolatile Operation
Latched state is stored automatically
State is automatically restored on power-up
Power supply monitor prevents low-VDD writes
Low Power Operation
Supply voltage of 2.7V to 5.5V
125
µA standby current
Industry Standard Configuration
Industrial temperature -40
° C to +85° C
20-pin SOP or DIP
Description
The FM573 and FM574 are innovative circuits that
store inputs like conventional logic families, and then
retain the stored state in the absence of power. These
products solve three basic problems in an elegant
fashion. First, they provide continuous access to
nonvolatile system settings without performing a
memory read operation or using dedicated processor
I/O pins. Second, they allow the storage of signals or
data that may change frequently and possibly without
notice. Third, they allow the nonvolatile storage of a
few bits of data or system settings without the system
overhead and extra pins of a serial memory. The
FM573 is a transparent latch. The inputs are passed
to the outputs when the clock is high; the state is
latched when the clock goes low. The FM574 is a D-
type register. Inputs are stored and passed to the
outputs on the rising edge of the clock. The
nonvolatile latch is a unique product that serves a
variety of applications. A few ideas as follows:
ü Controls relays and valves with automatic setting
on power-up without processor intervention.
ü Interface to soft/momentary front-panel switches
and indicator lamps. Capture switch settings and
light LED’s without processor intervention.
ü Replaces jumpers & control signal routing
ü Initialize state of I/O card signals.
ü Save system errors or status codes when power
fails with a fast, no overhead write and automatic
restore on power up.
ü Eliminate the overhead of serial memory for
systems needing only a few bits of data.
The FM573 and FM574 are provided in a 20-pin DIP
or SOP. They are rated from –40C to +85C.
Pin Configuration
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
OE
D0
D1
D2
D3
D4
D5
D6
D7
VSS
VDD
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
C
Pin Names
Function
D0-D7
Data in
Q0-Q7
Data Out
C
Clock/Latch Enable
/OE
Output enable
VSS
Ground
VDD
Supply Voltage
Ordering Information
FM573-P
Transparent latch, 20-pin plastic DIP
FM573-S
Transparent latch, 20-pin SOP
FM574-P
Register, 20-pin plastic DIP
FM574-S
Register, 20-pin SOP
Other package types may be available. Contact
the factory for more information.


Similar Part No. - FM574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

Similar Description - FM574

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8282A SIEMENS-SAB8282A Datasheet
110Kb / 6P
   Octal Latch
logo
Intel Corporation
M8283 INTEL-M8283 Datasheet
207Kb / 4P
   OCTAL LATCH
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
PCA8550 TI-PCA8550_06 Datasheet
208Kb / 12P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F_06 Datasheet
498Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com