Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM573-P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FM573-P
Description  Nonvolatile Octal Latch/Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM573-P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FM573-P Datasheet HTML 1Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 2Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 3Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 4Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 5Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 6Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 7Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 8Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ramtron
FM573/574
27 March 2001
2/10
Figure 1. Block Diagram
S
1
S
2
D
Mux
Q
Q
D
S
1
S
2
D
Mux
Power-up Restore
Dn
C
OE
State Change
Detect
Nonvolatile Latch
Q
Q
D
L
Power
Monitor
VDD
Reference
Nonvolatile
section
Qn
Pin Description
Pin Name
Pin Number
I/O
Pin Description
/OE
1
I
Output enable. When low, the outputs are driven. When high, the outputs
are tri-stated.
C
11
I
Controls the latching of data according to the t ruth tables below.
D0-D7
2-9
I
Data in.
Q0-Q7
12-19
O
Data out.
VSS
10
I
Ground
VDD
20
I
Supply Voltage
Functional Tables
FM573 Table
/OE
C
Dn
Internal
Qn
Output
Qn
Description
1
X
X
X
Hi-Z
Tri-state outputs
0
0
X
Qn
Qn
Outputs enabled, hold state
0
1
Dn
Dn
Dn
Transparent
1
1
Dn
Dn
Hi-Z
Load data, outputs tri-state
FM574 Table
/OE
C
Dn
Internal
Qn
Output
Qn
Description
1
X
X
X
Hi-Z
Tri-state outputs
0
X
X
Qn
Qn
Outputs enabled, hold state
0
Dn
Dn
Dn
Load data, outputs enabled
1
Dn
Dn
Hi-Z
Load data, outputs tri-state


Similar Part No. - FM573-P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

Similar Description - FM573-P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8282A SIEMENS-SAB8282A Datasheet
110Kb / 6P
   Octal Latch
logo
Intel Corporation
M8283 INTEL-M8283 Datasheet
207Kb / 4P
   OCTAL LATCH
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
PCA8550 TI-PCA8550_06 Datasheet
208Kb / 12P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F_06 Datasheet
498Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com