Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HQ1F2Q Datasheet(PDF) 2 Page - NEC

Part # HQ1F2Q
Description  COMPOUND TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

HQ1F2Q Datasheet(HTML) 2 Page - NEC

  HQ1F2Q Datasheet HTML 1Page - NEC HQ1F2Q Datasheet HTML 2Page - NEC HQ1F2Q Datasheet HTML 3Page - NEC HQ1F2Q Datasheet HTML 4Page - NEC HQ1F2Q Datasheet HTML 5Page - NEC HQ1F2Q Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16183EJ1V0DS
2
HQ1 SERIES
HQ1L2N
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−20 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
50
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −1.0 A
150
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −2.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.7 A
−0.55
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
329
470
611
E-to-B resistance
R2
0.7
1.0
1.3
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
HQ1A3M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−20 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
50
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −1.0 A
100
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −2.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.5 A
−0.4
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
0.7
1.0
1.3
k
E-to-B resistance
R2
0.7
1.0
1.3
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
HQ1F3M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−20 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
80
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −1.0 A
150
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −2.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.3 A
−0.3
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
1.54
2.2
2.86
k
E-to-B resistance
R2
1.54
2.2
2.86
k
** PW
≤ 350
µs, duty cycle ≤ 2 %


Similar Part No. - HQ1F2Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HQ1 RENESAS-HQ1_15 Datasheet
292Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
More results

Similar Description - HQ1F2Q

ManufacturerPart #DatasheetDescription
logo
NEC
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
   COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
   COMPOUND TRANSISTOR
2002
BN1A3Q RENESAS-BN1A3Q Datasheet
263Kb / 6P
   COMPOUND TRANSISTOR
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com