Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87973DYI-147 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS87973DYI-147
Description  LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87973DYI-147 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS87973DYI-147 Datasheet HTML 1Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 2Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 3Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 4Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 5Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 6Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 7Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 8Page - Integrated Circuit Systems ICS87973DYI-147 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
87973DYI-147
www.icst.com/products/hiperclocks.html
REV. A AUGUST 26, 2003
3
Integrated
Circuit
Systems, Inc.
ICS87973I-147
LOW SKEW, 1-TO-12
LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
SIMPLIFIED BLOCK DIAGRAM
0
1
1
0
0
1
÷1
÷2
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
OUTPUT DISABLE
CIRCUITRY
0
1
0
1
PLL
VCO RANGE
240MHz - 500MHz
SYNC
FRZ
3
2
2
2
INV_CLK
FSEL_A[0:1]
FSEL_B[0:1]
FSEL_C[0:1]
FSEL_FB[0:2]
nMR/OE
0
0
÷4
0
1
÷6
1
0
÷8
1
1
÷12
FSEL_
A1 A0
QAx
0
0
÷4
0
1
÷6
1
0
÷8
1
1
÷10
FSEL_
B1 B0
QBx
0
0
0
÷4
0
0
1
÷6
0
1
0
÷8
0
1
1
÷10
1
0
0
÷8
1
0
1
÷12
1
1
0
÷16
1
1
1
÷20
FSEL_
FB2 FB1 FB0
QFB
0
0
÷2
0
1
÷4
1
0
÷6
1
1
÷8
FSEL_
C1 C0
QCx
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
QFB
QSYNC
CLK
nCLK
CLK0
CLK1
CLK_SEL
REF_SEL
EXT_FB
VCO_SEL
PLL_SEL
FRZ_CLK
FRZ_DATA


Similar Part No. - ICS87973DYI-147

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results

Similar Description - ICS87973DYI-147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
logo
Integrated Circuit Syst...
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com