Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFSL41N15D Datasheet(PDF) 9 Page - International Rectifier

Part # IRFSL41N15D
Description  HEXFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL41N15D Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFSL41N15D Datasheet HTML 4Page - International Rectifier IRFSL41N15D Datasheet HTML 5Page - International Rectifier IRFSL41N15D Datasheet HTML 6Page - International Rectifier IRFSL41N15D Datasheet HTML 7Page - International Rectifier IRFSL41N15D Datasheet HTML 8Page - International Rectifier IRFSL41N15D Datasheet HTML 9Page - International Rectifier IRFSL41N15D Datasheet HTML 10Page - International Rectifier IRFSL41N15D Datasheet HTML 11Page - International Rectifier IRFSL41N15D Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRFB/IRFIB/IRFS/IRFSL41N15D
www.irf.com
9
TO-220 Full-Pak Part Marking Information
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
NOTES:
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982
2 CONTROLLING DIMENSION: INCH.
D
C
A
B
MINIMUM CREEPAGE
DISTANCE BETWEEN
A-B-C-D = 4.80 (.189)
3X
2.85 (.112)
2.65 (.104)
2.80 (.110)
2.60 (.102)
4.80 (.189)
4.60 (.181)
7.10 (.280)
6.70 (.263)
3.40 (.133)
3.10 (.123)
ø
- A -
3.70 (.145)
3.20 (.126)
1.15 (.045)
MIN.
3.30 (.130)
3.10 (.122)
- B -
0.90 (.035)
0.70 (.028)
3X
0.25 (.010)
M
A M
B
2.54 (.100)
2X
3X
13.70 (.540)
13.50 (.530)
16.00 (.630)
15.80 (.622)
1
2
3
10.60 (.417)
10.40 (.409)
1.40 (.055)
1.05 (.042)
0.48 (.019)
0.44 (.017)
ASS EMBLY
(YYWW)
LOT CODE
YY = YEAR
WW = WEEK
Notes: This part marking information applies to all devices produced before 02/26/2001
EXAMPLE:
LOT CODE E401
THIS IS AN IRFI840G
WITH ASS EMBLY
E401
RECTIFIER
LOGO
INTERNATIONAL
PART NUMBER
IRFI840G
DATE CODE
9245
and currently for parts manufactured in GB.
Notes: T his part marking information applies to devices produced after 02/26/2001 in
WITH AS SEMBLY
EXAMPLE: THIS IS AN IRFI840G
LOT CODE 3432
AS SEMBLED ON WW 24 1999
IN THE AS SEMBLY LINE "K"
PART NUMBER
LOT CODE
AS SEMBLY
INTERNATIONAL
RECTIFIER
LOGO
34
32
924K
IRFI840G
DATE CODE
YEAR 9 = 1999
WEEK 24
LINE K
location other than GB.


Similar Part No. - IRFSL41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL41N15D IRF-IRFSL41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFSL41N15DPBF IRF-IRFSL41N15DPBF Datasheet
342Kb / 13P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFSL41N15DPbF INFINEON-IRFSL41N15DPbF Datasheet
714Kb / 13P
   High frequency DC-DC converters
2017-04-27
More results

Similar Description - IRFSL41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com