Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD270-20 Datasheet(PDF) 9 Page - International Rectifier

Part # IRKD270-20
Description  STANDARD RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD270-20 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKD270-20 Datasheet HTML 3Page - International Rectifier IRKD270-20 Datasheet HTML 4Page - International Rectifier IRKD270-20 Datasheet HTML 5Page - International Rectifier IRKD270-20 Datasheet HTML 6Page - International Rectifier IRKD270-20 Datasheet HTML 7Page - International Rectifier IRKD270-20 Datasheet HTML 8Page - International Rectifier IRKD270-20 Datasheet HTML 9Page - International Rectifier IRKD270-20 Datasheet HTML 10Page - International Rectifier IRKD270-20 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 21 - Forward Voltage Drop Characteristics
Fig. 22 - Thermal Impedance Z
thJC Characteristics
Fig. 23 - Current Ratings Characteristics
Fig. 24 - Current Ratings Characteristics
10
100
1000
10000
0.51
1.52
2.53
3.54
T = 25 C
J
In stan ta n e o us F o rw ard V o ltag e (V )
T = 150 C
J
IRK.270.. Series
Per Junctio n
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Squ a re W a ve Pulse D ura tio n (s)
Ste a d y Sta te V a lue :
R
= 0.45 K /W
(D C O p e ra tio n )
thJC
IR K.270.. Series
Per Jun ctio n
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
350
30
60
90
120
180
Cond uc tio n Ang le
Avera ge Fo rw ard C urrent (A )
IRK .320.. Se rie s
R
(D C ) = 0.125 K /W
thJ C
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
DC
30
60
90
120
180
C ond uction P e riod
Averag e Fo rw ard C urrent (A )
IRK .320.. Se rie s
R
(D C ) = 0.125 K /W
thJC
Fig. 25 - Forward Power Loss Characteristics
Fig. 26 - Forward Power Loss Characteristics
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
A ve rag e Fo rw ard C urre n t (A )
RM S Lim it
Cond uc tio n A n g le
180
120
90
60
30
IRK .320.. Se rie s
T = 150 C
J
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
600
DC
180
120
90
60
30
RMS Lim it
Cond u c tion Pe riod
A ve rag e Fo rw ard C u rre n t (A )
IRK.32 0.. Series
Per Jun ctio n
T
= 150 C
J


Similar Part No. - IRKD270-20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD270-24 IRF-IRKD270-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKD270-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com