Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2558S133BQ Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT71V2558S133BQ
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2558S133BQ Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT71V2558S133BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 9Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 10Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 11Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 12Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 13Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 14Page - Integrated Device Technology IDT71V2558S133BQ Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
6.42
IDT71V2556, IDT71V2558, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
11
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2.
CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
Read Operation(1)
Device Operation - Showint Mixed Load, Burst,
Deselect and NOOP Cycles(2)
NOTES:
1.
CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
2. H = High; L = Low; X = Don’t Care; Z = High Impedance.
Cycle
Address
R/
W
ADV/
LD
CE(1)
CEN
BWx
OE
I/O
Comments
nA0
H
L
L
L
X
X
X
Load read
n+1
X
X
H
X
L
X
X
X
Burst read
n+2
A1
HL
L
L
X
L
Q0
Load read
n+3
X
X
L
H
L
X
L
Q0+1
Deselect or STOP
n+4
X
X
H
XL
XL
Q1
NOOP
n+5
A2
H
L
L
L
X
X
Z
Load read
n+6
X
X
H
X
L
X
X
Z
Burst read
n+7
X
X
L
H
L
X
L
Q2
Deselect or STOP
n+8
A3
L
L
LLLL
Q2+1
Load write
n+9
X
X
H
X
L
L
X
Z
Burst write
n+10
A4
L
L
LLL
X
D3
Load write
n+11
X
X
L
H
L
X
X
D3+1
Deselect or STOP
n+12
X
X
H
X
L
X
X
D4
NOOP
n+13
A5
L
L
LLL
X
Z
Load write
n+14
A6
H
L
L
L
X
X
Z
Load read
n+15
A7
L
L
LLL
X
D5
Load write
n+16
X
X
H
X
LLL
Q6
Burst write
n+17
A8
HL
L
L
X
X
D7
Load read
n+18
X
X
H
X
L
X
X
D7+1
Burst read
n+19
A9
L
L
LLLL
Q8
Load write
4875 tbl 12
Cycle
Address
R/
W
ADV/
LD
CE(2)
CEN
BWx
OE
I/O
Comments
nA0
H
L
L
L
X
X
X
Address and Control meet setup
n+1
X
X
X
X
L
X
X
X
Clock Setup Valid
n+2
X
X
X
XXX
L
Q0
Contents of Address A0 Read Out
4875 tbl 13


Similar Part No. - IDT71V2558S133BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556SA IDT-IDT71V2556SA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556XS IDT-IDT71V2556XS Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556XSA IDT-IDT71V2556XSA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V2558S133BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com