Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9S5608V0C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9S5608V0C
Description  SmartMedia CARD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S5608V0C Datasheet(HTML) 3 Page - Samsung semiconductor

  K9S5608V0C Datasheet HTML 1Page - Samsung semiconductor K9S5608V0C Datasheet HTML 2Page - Samsung semiconductor K9S5608V0C Datasheet HTML 3Page - Samsung semiconductor K9S5608V0C Datasheet HTML 4Page - Samsung semiconductor K9S5608V0C Datasheet HTML 5Page - Samsung semiconductor K9S5608V0C Datasheet HTML 6Page - Samsung semiconductor K9S5608V0C Datasheet HTML 7Page - Samsung semiconductor K9S5608V0C Datasheet HTML 8Page - Samsung semiconductor K9S5608V0C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
K9S2808V0C/B
3
SmartMediaTM
K9S5608V0C/B
K9S6408V0C/B
History
1. Eliminated the duplicated AC parameter.
- AC characteristics (Before)
. Replaced tAR1,tAR2 with tAR
- AC characteristics (After)
Parameter
Symbol
Min
Max
Unit
ALE to RE Delay (ID read)
tAR1
50
-
ns
ALE to RE Delay (Read cycle)
tAR2
50
-
CLE to RE Delay
tCLR
10
CE Access Time
tCEA
-
45
Parameter
Symbol
Min
Max
Unit
ALE to RE Delay
tAR
10
-
ns
CLE to RE Delay
tCLR
10
CE Access Time
tCEA
-
45
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you
have any questions, please contact the SAMSUNG branch office near your office.
Revision History
Revision No
0.5
Remark
Final
Draft Date
Feb. 9th 2002
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLS
tCLH
tCS
tWP
tCH
tDS
tDH
tRSTO
tIR
tRHZ
tCHZ
tWHR
tCSTO
tCLS
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLS
tCLH
tCS
tWP
tCH
tDS
tDH
tREA
tIR
tRHZ
tCHZ
tWHR
tCEA
tCLS


Similar Part No. - K9S5608V0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S5608V0A-SSB0 SAMSUNG-K9S5608V0A-SSB0 Datasheet
353Kb / 26P
   32M x 8 Bit SmartMediaTM Card
More results

Similar Description - K9S5608V0C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM05-5788T18 ITT-CCM05-5788T18 Datasheet
158Kb / 3P
   (SmartMedia SSFDC
logo
Transcend Information. ...
TS128MVSSFDC TRANSCEND-TS128MVSSFDC Datasheet
157Kb / 3P
   128M SmartMedia
logo
Samsung semiconductor
K9S3208V0A SAMSUNG-K9S3208V0A Datasheet
353Kb / 26P
   4M x 8 bit SmartMedia Card
K9S2808V0M SAMSUNG-K9S2808V0M Datasheet
351Kb / 26P
   16M x 8 Bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
TC6374AF TOSHIBA-TC6374AF Datasheet
1Mb / 125P
   PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com