Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA306E Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA306E
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA306E Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA306E Datasheet HTML 1Page - KEC(Korea Electronics) KRA306E Datasheet HTML 2Page - KEC(Korea Electronics) KRA306E Datasheet HTML 3Page - KEC(Korea Electronics) KRA306E Datasheet HTML 4Page - KEC(Korea Electronics) KRA306E Datasheet HTML 5Page - KEC(Korea Electronics) KRA306E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999. 6. 8
3/6
KRA301E~KRA306E
Revision No : 0
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise Time
KRA301E
tr
VO=-5V
VIN=-5V
RL=1k
-
0.07
-
S
KRA302E
-
0.06
-
KRA303E
-
0.2
-
KRA304E
-
0.24
-
KRA305E
-
0.02
-
KRA306E
-
0.07
-
Storage Time
KRA301E
tstg
-
1.1
-
KRA302E
-
1.1
-
KRA303E
-
1.1
-
KRA304E
-
1.1
-
KRA305E
-
1.1
-
KRA306E
-
1.1
-
Fall Time
KRA301E
tf
-
0.15
-
KRA302E
-
0.24
-
KRA303E
-
0.38
-
KRA304E
-
0.63
-
KRA305E
-
0.1
-
KRA306E
-
0.2
-
ELECTRICAL CHARACTERISTICS (Ta=25 )


Similar Part No. - KRA306E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA306E KEC-KRA306E Datasheet
780Kb / 7P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA306E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com