Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6234CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6234CS8
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6234CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6234CS8 Datasheet HTML 6Page - Linear Technology LT6234CS8 Datasheet HTML 7Page - Linear Technology LT6234CS8 Datasheet HTML 8Page - Linear Technology LT6234CS8 Datasheet HTML 9Page - Linear Technology LT6234CS8 Datasheet HTML 10Page - Linear Technology LT6234CS8 Datasheet HTML 11Page - Linear Technology LT6234CS8 Datasheet HTML 12Page - Linear Technology LT6234CS8 Datasheet HTML 13Page - Linear Technology LT6234CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
10
623345f
TEMPERATURE (
°C)
–50
25
623345 GO5
–25
0
50
6
5
4
3
2
1
0
–1
75
100
125
VCM = 4V
VCM = 1.5V
VS = 5V, 0V
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less than
40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6233C/LT6233I the LT6234C/LT6234I, and LT6235C/
LT6235I are guaranteed functional over the temperature range of –40
°C
and 85
°C.
Note 5: The LT6233C/LT6234C/LT6235C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT6233C/LT6234C/LT6235C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C, but are not tested or QA sampled at these temperatures.
The LT6233I/LT6234I/LT6235I are guaranteed to meet specified
performance from –40
°C to 85°C.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6235; between the two amplifiers
of the LT6234. CMRR and PSRR match are defined as follows: CMRR and
PSRR are measured in
µV/V on the matched amplifiers. The difference is
calculated between the matching sides in
µV/V. The result is converted
to dB.
Note 7: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8: Output voltage swings are measured between the output and
power supply rails.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 10: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
VOS Distribution
Supply Current vs Supply Voltage
(Per Amplifier)
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
(LT6233/LT6234/LT6235)
INPUT OFFSET VOLTAGE (
µV)
–200
0
10
20
30
40
–100
0
100
200
623345 GO1
50
60
–150
–50
50
150
VS = 5V, 0V
VCM = V
+/2
S8
TOTAL SUPPLY VOLTAGE (V)
0
6
623345 GO2
24
8
2.0
1.5
1.0
0.5
0
10
12
14
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
1.5
623345 GO3
0.5
1
2
500
400
300
200
100
0
–100
–200
–300
–400
–500
345
2.5
3.5
4.5
TA = –55°C
TA = 25°C
TA = 125°C
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–1
2
623345 GO4
01
3
6
5
4
3
2
1
0
–2
–1
456
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
LOAD CURRENT (mA)
0.01
0.1
0.0001
0.01
10
1
100
10
623345 GO6
0.001
0.1
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C


Similar Part No. - LT6234CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6234 LINER-LT6234 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6234 LINER-LT6234 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6234 LINER-LT6234 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6234 LINER-LT6234 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results

Similar Description - LT6234CS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com