Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041D12QDBZT Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4041D12QDBZT
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041D12QDBZT Datasheet(HTML) 1 Page - Texas Instruments

  LM4041D12QDBZT Datasheet HTML 1Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 2Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 3Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 4Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 5Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 6Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 7Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 8Page - Texas Instruments LM4041D12QDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
Adjustable . . . DBZ (SOT-23) PACKAGE
(TOP VIEW)
FB
CATHODE
ANODE
Adjustable . . . DCK (SC-70) PACKAGE
(TOP VIEW)
NC
NC
1
2
3
1
2
3
5
4
FB
CATHODE
ANODE
Adjustable . . . LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC − No internal connection
1.2 V . . . DBZ (SOT-23) PACKAGE
(TOP VIEW)
CATHODE
ANODE
*
1.2 V . . . DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
1
2
3
1
2
3
5
4
NC
CATHODE
ANODE
1.2 V . . . LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC − No internal connection
* Pin 2 must be connected to
ANODE or left open.
* Pin 3 must be connected to
ANODE or left open.
NC − No internal connection
FB
ANODE
CATHODE
NC
CATHODE
*
DESCRIPTION/ORDERING INFORMATION
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146C – FEBRUARY 2005 – REVISED MAY 2005
Available in
1.225-V Fixed and Adjustable Outputs
– Industrial Temperature: –40
°C to 85°C
(1.225 V to 10 V)
– Extended Temperature: –40
°C to 125°C
Tight Output Tolerances and Low
Applications
Temperature Coefficient
– Data-Acquisition Systems
– Max 0.1%, 100 ppm/
°C – A Grade
– Power Supplies and Power-Supply Monitors
– Max 0.2%, 100 ppm/
°C – B Grade
– Instrumentation and Test Equipment
– Max 0.5%, 100 ppm/
°C – C Grade
– Process Control
– Max 1.0%, 150 ppm/
°C – D Grade
– Precision Audio
Low Output Noise . . . 20
µV
RMS (Typ)
– Automotive Electronics
Wide Operating Current Range . . .
– Energy Management/Metering
45
µA (Typ) to 12 mA
– Battery-Powered Equipment
Stable With All Capacitive Loads; No Output
Capacitor Required
The LM4041 series of shunt voltage references are versatile, easy-to-use references with a vast array of
applications. They require no external resistors or capacitors for operation and are stable with all capacitive
loads. Additionally, the reference offers low dynamic impedance, low noise, and a low temperature coefficient to
ensure a stable output voltage over a wide range of operating currents and temperatures. The LM4041 uses fuse
and Zener-zap reverse breakdown voltage trim during wafer sort to offer four output voltage tolerances, ranging
from 0.1% (max) for the A grade to 1% (max) for the D grade. Thus, a great deal of flexibility is offered to
designers in choosing the best cost-to-performance ratio for their applications. The LM4041 is available in a fixed
(1.225 V nominal) or an adjustable version (which requires an external resistor divider to set the output to a value
between 1.225 V and 10 V).
Packaged in space-saving SC-70 and SOT-23-3 and requiring a minimum current of 45
µA (typ), the LM4041
also is ideal for portable applications. The TO-92 package also is available for through-hole packaging needs.
The LM4041xI is characterized for operation over an ambient temperature range of –40
°C to 85°C. The
LM4041xQ is characterized for operation over an ambient temperature range of –40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4041D12QDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041D12QDBZT TI-LM4041D12QDBZT Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12QDBZT TI-LM4041D12QDBZT Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12QDBZT TI-LM4041D12QDBZT Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12QDBZT TI-LM4041D12QDBZT Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12QDBZT TI1-LM4041D12QDBZT Datasheet
782Kb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041D12QDBZT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com