Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6220 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6220
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6220 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6220 Datasheet HTML 1Page - Maxim Integrated Products MAX6220 Datasheet HTML 2Page - Maxim Integrated Products MAX6220 Datasheet HTML 3Page - Maxim Integrated Products MAX6220 Datasheet HTML 4Page - Maxim Integrated Products MAX6220 Datasheet HTML 5Page - Maxim Integrated Products MAX6220 Datasheet HTML 6Page - Maxim Integrated Products MAX6220 Datasheet HTML 7Page - Maxim Integrated Products MAX6220 Datasheet HTML 8Page - Maxim Integrated Products MAX6220 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—(+5.0V)
(VIN = +10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1:
Temperature coefficient is measured by the box method; i.e., the maximum
∆VOUT is divided by ∆T x VOUT.
Note 2:
Line regulation (
∆VOUT / (VOUT x ∆VIN)) and load regulation (∆VOUT / (VOUT x ∆IOUT)) are measured with pulses and do
not include output voltage changes due to die-temperature changes.
Note 3:
Noise specifications are guaranteed by design.
Note 4:
Temperature hysteresis is specified at TA = +25°C by measuring VOUT before and after changing temperature by +25°C.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
840
V
Output Voltage
VOUT
+25°C
4.995
5.000
5.005
V
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
220
ppm/°C
+25°C
27
Line Regulation (Note 2)
∆VOUT/
∆VIN
8V
≤ VIN ≥ 40V
45
ppm/V
+25°C
16
Sourcing: 0mA
≤ IOUT ≤ 15mA
15
+25°C
16
Load Regulation (Note 2)
∆VOUT/
∆IOUT
Sinking: -15mA
≤ IOUT ≤ 0mA
30
ppm/mA
+25°C
2.0
3.3
Supply Current
IIN
3.7
mA
Trim-Adjustment Range
∆VOUT
(Figure 1)
±30
±50
mV
Turn-On Settling Time
tON
To ±0.01% of final value
5
µs
0.1Hz
≤ f ≥ 10Hz
3.0
µVp-p
Output Noise Voltage
(Note 3)
eN
10Hz
≤ f ≥ 1kHz
2.5
5.0
µVRMS
Temperature Hysteresis
(Note 4)
20
ppm
Long-Term Stability
∆VOUT
∆t = 1000hr
20
ppm


Similar Part No. - MAX6220

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
MAX622-MAX623 MAXIM-MAX622-MAX623 Datasheet
352Kb / 12P
   High-Side Power Supplies
Rev 0; 4/91
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225ACPA MAXIM-MAX6225ACPA Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
More results

Similar Description - MAX6220

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
logo
Intersil Corporation
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Maxim Integrated Produc...
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
logo
Renesas Technology Corp
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com