Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6023EBT45-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6023EBT45-T
Description  Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6023EBT45-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6023EBT45-T Datasheet HTML 5Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 6Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 7Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 8Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 9Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 10Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 11Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 12Page - Maxim Integrated Products MAX6023EBT45-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Precision, Low-Power, Low-Dropout, UCSP
Voltage Reference
10
______________________________________________________________________________________
100
1k
10k
100k
1M
10M
MAX6023EBT12
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
MAX6023EBT50
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
10
10k
100k
1M
100
1k
10M
VIN = +5.5V
±0.25V
20
26
24
22
28
30
32
34
36
38
40
26
4
8
10
12
14
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VALID OVER SPECIFIED
VIN (MIN) TO VIN (MAX)
FOR EACH PART
0.01
100
10k
1
0.1
10
1k
100k 1M
MAX6023EBT12
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
0.1
1
10
100
1k
0.01
100
10k
1
0.1
10
1k
100k 1M
MAX6023EBT50
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
0.1
1
10
100
1k
20
25
30
35
40
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
100
VIN = 12.5V
VIN = 7.5V
VIN = 5.5V
VIN = 2.5V
Typical Operating Characteristics (continued)
(VIN = +5V for MAX6023EBT12/21/25/30/41/45, VIN = +5.5V for MAX6023EBT50; IOUT = 0; TA = +25°C, unless otherwise noted.) (Note 6)
VOUT
10
µV/div
1s/div
MAX6023EBT12
0.1Hz TO 10Hz OUTPUT NOISE
VOUT
20
µV/div
1s/div
MAX6023EBT50
0.1Hz TO 10Hz OUTPUT NOISE
VIN
1V/div
VOUT
1V/div
10
µs/div
MAX6023EBT12
TURN-ON TRANSIENT


Similar Part No. - MAX6023EBT45-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
   CHIP SCALE DEVICES
Rev. A July 17, 2003
More results

Similar Description - MAX6023EBT45-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com