Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16TD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP16TD
Description  3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16TD Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP16TD Datasheet HTML 1Page - ON Semiconductor MC100EP16TD Datasheet HTML 2Page - ON Semiconductor MC100EP16TD Datasheet HTML 3Page - ON Semiconductor MC100EP16TD Datasheet HTML 4Page - ON Semiconductor MC100EP16TD Datasheet HTML 5Page - ON Semiconductor MC100EP16TD Datasheet HTML 6Page - ON Semiconductor MC100EP16TD Datasheet HTML 7Page - ON Semiconductor MC100EP16TD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 3
1
Publication Order Number:
MC10EP16T/D
MC10EP16T, MC100EP16T
3.3V / 5VECL Differential
Receiver/Driver with
Internal Termination
The EP16T is a world–class differential receiver/driver. The device
is functionally equivalent to the EP16 with internal termination
resistors. A 50
W resistor is connected from the D input to the VT pin
and from the D input to the VT pin. Tie the VT and VT pins to VTT
supply (VCC – 2 V) for parallel termination or connect VT and VT
pins for 100
W input series termination.
Special considerations are required for differential inputs under No
Signal conditions to prevent instability.
The 100 Series contains temperature compensation.
220 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = –3.0 V to –5.5 V
Internal 50 W Termination Resistors
Device
Package
Shipping
ORDERING INFORMATION
MC10EP16TD
SO–8
98 Units/Rail
MC10EP16TDR2
SO–8
2500 Tape & Reel
MC100EP16TD
SO–8
98 Units/Rail
MC100EP16TDR2
SO–8
2500 Tape & Reel
MC10EP16TDT
TSSOP–8
100 Units/Rail
MC10EP16TDTR2
TSSOP–8
2500 Tape & Reel
MC100EP16TDT
TSSOP–8
100 Units/Rail
MC100EP16TDTR2 TSSOP–8
2500 Tape & Reel
*For additional information, see Application Note
AND8002/D
MARKING DIAGRAMS*
L = Wafer Lot
Y = Year
W = Work Week
H = MC10
K = MC100
A = Assembly Location
SO–8
D SUFFIX
CASE 751
TSSOP–8
DT SUFFIX
CASE 948R
ALYW
KEP61
ALYW
HP61
HEP61
ALYW
ALYW
KP61
1
8
1
8
1
8
1
8
1
8
1
8
http://onsemi.com


Similar Part No. - MC100EP16TD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16TD ONSEMI-MC100EP16TD Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16TD ONSEMI-MC100EP16TD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16TDG ONSEMI-MC100EP16TDG Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16TDG ONSEMI-MC100EP16TDG Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
MC100EP16TDR2 ONSEMI-MC100EP16TDR2 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
More results

Similar Description - MC100EP16TD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com