Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBM5551 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMBM5551
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBM5551 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMBM5551 Datasheet HTML 1Page - Fairchild Semiconductor FMBM5551 Datasheet HTML 2Page - Fairchild Semiconductor FMBM5551 Datasheet HTML 3Page - Fairchild Semiconductor FMBM5551 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
FMBM5551 Rev. D
Electrical Characteristics (Continued) T
C = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min.
Max
Units
hFE3
DC Current Gain
VCE = 5V, IC = 50mA
30
DIVID3
Variation Ratio of hFE3 Between Die 1 and Die 2
hFE3(Die1)/hFE3(Die2)
0.9
1.1
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
0.15
0.2
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
1
1
V
V
VBE(on)
Base-Emitter On Voltage
VCE = 5V, IC = 10mA
1
V
DEL
Difference of VBE(on) Between Die1 and Die 2
VBE(on)(Die1)-VBE(on)(Die2)
-8
8
mV
Small Signal Characteristics
Cob
Output Capacitance
VCB = 10V, f = 1MHz
6
pF
Cib
Input Capacitance
VCB = 0.5V, f = 1MHz
20
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 10mA, f = 100MHz
100
300
MHz
NF
Noise Figure
VCE = 5V, IC = 200µA, f = 1MHz,
RS = 20KΩ, B = 200Hz
8dB
hfe
Small Signal Current Gain
VCE = 10V, IC = 1.0mA, f = 1.0KHz
50
250


Similar Part No. - FMBM5551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMBM5551 ONSEMI-FMBM5551 Datasheet
250Kb / 6P
   NPN General-Purpose Amplifier
October-2017, Rev. 2
More results

Similar Description - FMBM5551

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com