Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRVR101 Datasheet(PDF) 8 Page - International Rectifier

Part # IRVR101
Description  LIN Controlled Alternator Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRVR101 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRVR101 Datasheet HTML 4Page - International Rectifier IRVR101 Datasheet HTML 5Page - International Rectifier IRVR101 Datasheet HTML 6Page - International Rectifier IRVR101 Datasheet HTML 7Page - International Rectifier IRVR101 Datasheet HTML 8Page - International Rectifier IRVR101 Datasheet HTML 9Page - International Rectifier IRVR101 Datasheet HTML 10Page - International Rectifier IRVR101 Datasheet HTML 11Page - International Rectifier IRVR101 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.irf.com
Preliminary Data Sheet
8
International
Rectifier
IRVR101
Identifier Requirements
(Regulator IC mask option configured as either Regulator 1 or Regulator 2)
Write data:
Regulator 1 ID for RX-frame - 100101 (ID0-5)
ID0=1, ID1=0, ID2=0, ID3=1, ID4=0, ID5=1
Regulator 2 ID for RX-frame - 010101 (ID0-5)
ID0=0, ID1=1, ID2=0, ID3=1, ID4=0, ID5=1
Read data:
Regulator 1 ID for TX-frame - 100010 (ID0-5)
ID0=1, ID1=0, ID2=0, ID3=0, ID4=1, ID5=0
Regulator 2 ID for TX-frame - 110010 (ID0-5)
ID0=1, ID1=1, ID2=0, ID3=0, ID4=1, ID5=0
Read data for alternator identification:
Regulator 1 ID for TX-frame_2 - 010010 (ID0-5)
ID0=0, ID1=1, ID2=0, ID3=0, ID4=1, ID5=0
Regulator 2 ID for TX-frame_2 - 001010 (ID0-5)
ID0=0, ID1=0, ID2=1, ID3=0, ID4=1, ID5=0


Similar Part No. - IRVR101

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVRM2 IRF-IRVRM2 Datasheet
273Kb / 8P
   Pentium II1 Power Supply Design Specification
More results

Similar Description - IRVR101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
   Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
   Alternator regulator with LIN
Rev. 5.1-12 October 2017
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
   Alternator regulator with LIN
Rev. 5.0, 8/2016
logo
Infineon Technologies A...
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
   Flexible LIN alternator regulator IC family
09 / 2019
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
   Flexible LIN alternator regulator IC family
09 / 2019
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
   Alternator voltage regulator with LIN interface for 12 V applications
logo
Unisonic Technologies
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com