Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL0631 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL0631
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0631 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL0631 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0631 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
www.fairchildsemi.com
HCPL0600, HCPL0601, HCPL0611, HCPL0630, HCPL0631, HCPL0661 Rev. 1.0.1
Transfer Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
Isolation Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
** All typical values are at VCC = 5 V, TA = 25°C
NOTES
1.
The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and
GND pins of each device.
2.
Enable Input - No pull up resistor required as the device has an internal pull up resistor.
3.
tPLH - Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5V
level on the LOW to HIGH transition of the output voltage pulse.
4.
tPHL - Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5V
level on the HIGH to LOW transition of the output voltage pulse.
5.
tr - Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
6.
tf - Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
7.
tELH - Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input voltage pulse to
the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
8.
tEHL - Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input voltage pulse to
the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
9.
CMH - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state (i.e., VOUT
> 2.0 V). Measured in volts per microsecond (V/µs).
10. CML - The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the low output state (i.e.,
VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
11. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
DC Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
High Level Output Current
(VCC = 5.5 V, VO = 5.5 V)
(IF = 250 µA, VE = 2.0 V) (Note 2)
IOH
100
µA
Low Level Output Voltage
(VCC = 5.5 V, IF = 5 mA)
(VE = 2.0 V, IOL = 13 mA) (Note 2)
VOL
0.6
V
Input Threshold Current
(VCC = 5.5 V, VO = 0.6 V,
VE = 2.0 V, IOL = 13 mA)
IFT
5mA
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-Output
Insulation Leakage Current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 11)
II-O
1.0*
µA
Withstand Insulation Test Voltage
(RH < 50%, TA = 25°C)
(Note 11) ( t = 1 min.)
VISO
2500
VRMS
Resistance (Input to Output)
(VI-O = 500 V) (Note 11)
RI-O
1012
Capacitance (Input to Output)
(f = 1 MHz) (Note 11)
CI-O
0.6
pF


Similar Part No. - HCPL0631

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL0630 HP-HCPL0630 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
Fairchild Semiconductor
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0631

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com