Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG53A Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBSG53A
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBSG53A Datasheet HTML 6Page - ON Semiconductor NBSG53A Datasheet HTML 7Page - ON Semiconductor NBSG53A Datasheet HTML 8Page - ON Semiconductor NBSG53A Datasheet HTML 9Page - ON Semiconductor NBSG53A Datasheet HTML 10Page - ON Semiconductor NBSG53A Datasheet HTML 11Page - ON Semiconductor NBSG53A Datasheet HTML 12Page - ON Semiconductor NBSG53A Datasheet HTML 13Page - ON Semiconductor NBSG53A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NBSG53A
http://onsemi.com
10
Table 11. AC CHARACTERISTICS for QFN−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figures 4, 6, 8, 10, and 11)
DFF
(See Figures 5, 7, 9, 10, and 11)
(Note 30)
DIV/2
8
10
8
10
8
10
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
(Note 34)
CLK
→Q, Q
SEL
→Q, Q
R
→Q, Q DIN/2
DFF
150
160
215
195
215
190
280
270
285
280
375
345
150
160
215
195
215
190
280
270
285
280
375
345
150
160
215
195
215
190
280
270
285
280
375
345
ps
tSKEW
Duty Cycle Skew (Notes 31 and 33) DFF
5
20
5
20
5
20
ps
tJITTER
RMS Random Clock Jitter
fin v 8 GHz
(See Figures 4 and 6) (Note 30)
Peak−to−Peak Data Dependent Jitter
fin = 8 Gb/s
0.5
TBD
1
0.5
TBD
1
0.5
TBD
1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 32)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
@ 1 GHz
Q, Q
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
**(OLS = VEE)
28
15
25
20
40
40
35
35
65
65
65
65
28
15
25
20
40
40
35
35
65
65
65
65
28
15
25
20
40
40
35
35
65
65
65
65
ps
ts
Setup Time
D
→CLK
30
14
30
10
30
13
ps
th
Hold Time
D
→CLK
25
12
25
7
25
0
ps
trr
Reset Recovery
DFF, DIV/2
40
9
40
12
40
10
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
30. Measured using a 500 mV source, 50% duty cycle clock source. Repetitive 1010 input data pattern. All outputs loaded with 50
W to
VCC − 2.0 V. Input edge rates is 40 ps (20% − 80%).
31. See Figure 14. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
32. VINPP (MAX) cannot exceed VCC − VEE (Applicable only when VCC − VEE < 2600 mV).
33. See Figure 10. Duty Cycle % vs. Frequency.
34. For all OLS Configuration.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Similar Part No. - NBSG53A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMN ONSEMI-NBSG53AMN Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Similar Description - NBSG53A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com