Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87383 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87383 Datasheet HTML 1Page - National Semiconductor (TI) PC87383 Datasheet HTML 2Page - National Semiconductor (TI) PC87383 Datasheet HTML 3Page - National Semiconductor (TI) PC87383 Datasheet HTML 4Page - National Semiconductor (TI) PC87383 Datasheet HTML 5Page - National Semiconductor (TI) PC87383 Datasheet HTML 6Page - National Semiconductor (TI) PC87383 Datasheet HTML 7Page - National Semiconductor (TI) PC87383 Datasheet HTML 8Page - National Semiconductor (TI) PC87383 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
www.national.com
2
Revision 1.1
Features
s LPC System Interface
— Synchronous cycles, up to 33 MHz bus clock
— 8-bit I/O cycles
— Up to four 8-bit DMA channels
— LPCPD and CLKRUN support
— Implements PCI mobile design guide recommenda-
tion (PCI Mobile Design Guide 1.1, Dec. 18, 1998)
s PC2001 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
❏ Relocatable base address
❏ 15 IRQ routing options
❏ Three optional 8-bit DMA channels (where appli-
cable) selected from four possible DMA chan-
nels
s Clock Sources
— 14.318 MHz or 48 MHz clock input
— LPC clock, up to 33 MHz
s Power Supply
— 3.3V supply operation
— All pins are 5V tolerant, except LPC bus pins
— All pins are back-drive protected, except LPC bus
pins
s 21 General-Purpose I/O (GPIO) Ports
— 14 support assert IRQ
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Programmable option for input debounce mecha-
nism
s Serial Port (SP1)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
s IEEE 1284-compliant Parallel Port
— ECP, with Level 2 (14 mA sink and source output
buffers)
— Software or hardware control
— Enhanced Parallel Port (EPP) compatible with EPP
1.7 and EPP 1.9
— Supports EPP as mode 4 of the Extended Control
Register (ECR)
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Supports a demand DMA mode mechanism and a
DMA fairness mechanism for improved bus utiliza-
tion
— Protection circuit that prevents damage to the
parallel port when a printer connected to it is pow-
ered up or is operated at high voltages (in both
cases, even if the PC87383 is in power-down state)
s Fast Infrared Port (FIR)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— FIR IrDA 1.1 compliant
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
— DMA support: 1 or 2 channels
s Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Strap Inputs to select testability mode
s Testability
— XOR Tree
— TRI-STATE device pins


Similar Part No. - PC87383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87382-VBH NSC-PC87382-VBH Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
More results

Similar Description - PC87383

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com