Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3V4UW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD3V3V4UW
Description  Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3V4UW Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD3V3V4UW Datasheet HTML 1Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 2Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 3Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 4Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 5Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 6Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 7Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 8Page - NXP Semiconductors PESD3V3V4UW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Very low capacitance quadruple ElectroStatic Discharge (ESD) protection diode arrays in
ultra small SOT665 plastic package designed to protect up to four signal lines from the
damage caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESDxV4UW series
Very low capacitance quadruple ESD protection diode arrays
in SOT665 package
Rev. 01 — 22 April 2005
Product data sheet
s ESD protection of up to four lines
s Ultra low leakage current: IRM = 3 nA
s Very low diode capacitance
s ESD protection up to 12 kV
s Low clamping voltage
s IEC 61000-4-2; level 4 (ESD)
s Computers and peripherals
s Communication systems
s Audio and video equipment
s Portable electronics
s Cellular handsets and accessories
s Subscriber Identity Module (SIM) card
protection
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
PESD3V3V4UW
-
-
3.3
V
PESD5V0V4UW
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz;
see Figure 5;
VR =0V
PESD3V3V4UW
-
15
18
pF
PESD5V0V4UW
-
12
15
pF


Similar Part No. - PESD3V3V4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3V4UW NXP-PESD3V3V4UW Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESD3V3V4UW NEXPERIA-PESD3V3V4UW Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
More results

Similar Description - PESD3V3V4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com