Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57254-30GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA57254-30GW
Description  CMOS switching regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57254-30GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA57254-30GW Datasheet HTML 6Page - NXP Semiconductors SA57254-30GW Datasheet HTML 7Page - NXP Semiconductors SA57254-30GW Datasheet HTML 8Page - NXP Semiconductors SA57254-30GW Datasheet HTML 9Page - NXP Semiconductors SA57254-30GW Datasheet HTML 10Page - NXP Semiconductors SA57254-30GW Datasheet HTML 11Page - NXP Semiconductors SA57254-30GW Datasheet HTML 12Page - NXP Semiconductors SA57254-30GW Datasheet HTML 13Page - NXP Semiconductors SA57254-30GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product data
SA57254-XX
CMOS switching regulator (PWM controlled)
2003 Nov 11
10
APPLICATION INFORMATION
The SA57254-XX can be used for a simple boost (step-up)
converter or the less commonly used flyback converter (isolated
boost). The major operating restriction of the simple boost converter
is that its output voltage must always be above the highest
expected value of the input voltage. The flyback converter circuit
requires more parts, but the output voltage is not restricted by the
input voltage.
Boost converter fundamentals
The boost or step-up converter is a non-dielectrically isolated
switching power supply topology (arrangement of power parts). That
is, the input power source is directly connected to the output load
(ground and signals). A typical boost converter, with an optional
passive snubber, can be seen in Figure 24.
To understand the boost converter’s operation, examine its three
periods of operation. These periods are: the power switch on-time
(period 1); the inductor discharge period (period 2); and the inductor
empty state (period 3). These periods and their associated currents
can be seen in Figure 25.
SL01504
D
VIN
CIN
GND
SA57254-XX
SW
VDD
PASSIVE SNUBBER
(OPTIONAL)
VOUT
COUT
FB
L0
Figure 24. Boost converter.
SL01464
0
VIN
(VIN – VOUT)
Ipeak
ISW × RDS(ON)
CORE EMPTY,
PARASITIC CIRCULATING ENERGY
+VOUT
ENERGY BEING TRANSFERRED TO OUTPUT
SPIKE
ENERGY BEING
STORED IN INDUCTOR
+VIN
L0
L0
PERIOD 1
PERIOD 2
PERIOD 3
Figure 25. Boost converter waveforms (discontinuous mode).


Similar Part No. - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
logo
ON Semiconductor
SA572D ONSEMI-SA572D Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
More results

Similar Description - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
   CMOS Switching Regulator (PWM controlled)
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com