Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5905DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5905DC
Description  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5905DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5905DC Datasheet HTML 1Page - Vishay Siliconix SI5905DC Datasheet HTML 2Page - Vishay Siliconix SI5905DC Datasheet HTML 3Page - Vishay Siliconix SI5905DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si5905DC
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71066
S-21251—Rev. B, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = --250 mA
--0.45
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 8V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =--6.4 V, VGS =0 V
--1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =--6.4 V, VGS =0 V, TJ =85_C
--5
mA
On-State Drain Currenta
ID(on)
VDS  --5 V, VGS =--4.5 V
--10
A
VGS =--4.5 V, ID =--3 A
0.075
0.090
Drain-Source On-State Resistancea
rDS(on)
VGS =--2.5 V, ID =--2.5 A
0.110
0.130
DS(on)
VGS =--1.8 V, ID =--1.0 A
0.150
0.180
Forward Transconductancea
gfs
VDS =--5 V, ID =--3 A
7
S
Diode Forward Voltagea
VSD
IS =--0.9 A, VGS =0 V
--0.8
--1.2
V
Dynamicb
Total Gate Charge
Qg
5.5
9
Gate-Source Charge
Qgs
VDS =--4 V, VGS =--4.5 V, ID =--3 A
0.5
nC
Gate-Drain Charge
Qgd
1.5
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD =--4 V,RL =4 Ω
45
70
Turn-Off Delay Time
td(off)
VDD = --4 V, RL = 4 Ω
ID ≅ --1 A, VGEN =--4.5 V, RG =6 Ω
30
45
ns
Fall Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = --0.9 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru3V
TC =--55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
1.5 V
2V
2.5 V
1V


Similar Part No. - SI5905DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5905DC VISHAY-SI5905DC Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
More results

Similar Description - SI5905DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com