Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3033LUS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SI-3033LUS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI-3033LUS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SI-3033LUS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3033LUS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3033LUS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3033LUS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coeffi-
cient of Output Voltage
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection
Starting Current*1
Symbol
VO
Conditions
VDIF
Conditions
Conditions
∆VLINE
Conditions
∆VLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
sElectrical Characteristics
*1: Is1 is specified as the 5% drop point of output voltage VO on the condition that VIN=3.3 V (5 V for SI-3033LUS, 6 V for SI-3050LUS),
and IO=10 mA.
sExternal Dimensions
Pin Arrangement
q VIN
w GND
e VOUT
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 0.05g
qSI-3000LUS Series
(Unit : mm)
(Ta=25
°C, VC=2V unless otherwise specified)
Unit
V
V
mV
mV
mV/
°C
dB
µA
mA
Ratings
SI-3018LUS
SI-3025LUS
SI-3033LUS
SI-3050LUS
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
1.764
1.800
1.836
2.450
2.500
2.550
3.234
3.300
3.366
4.900
5.000
5.100
VIN=3.3V, IO=10mA
VIN=3.3V, IO=10mA
VIN=5V, IO=10mA
VIN=6V, IO=10mA
0.3
0.3
0.3
0.3
IO=100mA
0.5
0.5
0.5
0.5
IO=250mA
10
10
10
10
VIN=3.3 to 5V, IO=10mA
VIN=3.3 to 5V, IO=10mA
VIN=4.5 to 8V, IO=10mA
VIN=6 to 10V, IO=10mA
40
40
40
40
VIN=3.3V, IO=0 to 250mA
VIN=3.3V, IO=0 to 250mA
VIN=5V, IO=0 to 250mA
VIN=6V, IO=0 to 250mA
±0.25
±0.25
±0.3
±0.3
Tj=0 to 100
°C
55
55
55
55
VIN=3.3V, f=100 to 120HZ
VIN=3.3V, f=100 to 120HZ
VIN=5V, f=100 to 120HZ
VIN=6V, f=100 to 120HZ
250
250
250
250
VIN=3.3V, IO=0mA
VIN=3.3V, IO=0mA
VIN=5V, IO=0mA
VIN=6V, IO=0mA
260
260
260
260
VIN=3.3V
VIN=3.3V
VIN=5V
VIN=6V
4.5
0.49max.
0.49max.
0.54
max.
1.5
1.5
0.16
(1.7)
0.4
1.6
12
3
(R0.3)
(R0.15)
(8
°)
(8
°)
( 1.0)
φ
(Under
development)
(Under
development)
(Under
development)


Similar Part No. - SI-3033LUS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3033LU SANKEN-SI-3033LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3033LUS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com