Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6649-I Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SL6649-I
Description  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-I Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL6649-I Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SL6649-1
7
Figure 8: RF Amplifier
FREQ
S11
S12
S22
S21
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100.000
0.963
-15.971
0.016
120.281
1.036
-3.440
1.460
157.948
150.000
0.949
-21.603
0.017
121.732
0.991
-5.524
1.390
142.732
200.000
0.934
-27.247
0.017
123.174
0.946
-7.608
1.321
127.508
250.000
0.906
-33.835
0.021
124.612
0.938
-10.156
1.261
115.531
300.000
0.876
-40.519
0.025
126.042
0.934
-12.744
1.201
103.830
350.000
0.846
-45.789
0.029
139.335
0.925
-14.380
1.132
95.446
400.000
0.816
-50.979
0.032
153.381
0.915
-15.955
1.061
87.270
450.000
0.781
-58.616
0.039
163.051
0.872
-18.015
0.986
78.111
500.000
0.746
-66.363
0.045
172.537
0.827
-20.094
0.910
68.910
550.000
0.700
-72.624
0.062
165.197
0.771
-19.691
0.854
65.157
600.000
0.655
-78.856
0.079
157.518
0.716
-19.231
0.798
61.518


Similar Part No. - SL6649-I

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Similar Description - SL6649-I

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com