Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050JF Datasheet(PDF) 4 Page - Sanken electric

Part # SI-8050JF
Description  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050JF Datasheet(HTML) 4 Page - Sanken electric

  SI-8050JF Datasheet HTML 1Page - Sanken electric SI-8050JF Datasheet HTML 2Page - Sanken electric SI-8050JF Datasheet HTML 3Page - Sanken electric SI-8050JF Datasheet HTML 4Page - Sanken electric SI-8050JF Datasheet HTML 5Page - Sanken electric SI-8050JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
sTypical characteristics (SI-8015JF) (VO=5V)
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
sTypical characteristics (SI-8025JF)
90
80
70
60
50
40
30
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
VIN
=4.5V
40V
20V
12V
3
2.5
2
1.5
1
0.5
0
02
6
10
14
48
12
Intput Voltage VIN (V)
16
*Load=C.C
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
4.5V
12V
20V
VIN=40V
3
2.5
2
1.5
1
0.5
0
01
2
Output Current IO (A)
34
5
6
VIN=7V, 12V, 20V, 40V
50
75
100
125
150
175
200
3
2.5
2
1.5
1
0.5
0
Ambient Temperature Ta (
°C)
VIN=12V, IO=0A
TSD OFF
TSD ON
150
140
130
120
110
100
90
80
70
60
–40 –20
0
20
40
60
80
100 120 140
Ambient Temperature Ta (
°C)
Freq
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
VO
VIN=12V, IO=0.5A
η
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
6
5
4
3
2
1
0
02
6
10
14
18
48
12
Input Voltage VIN (V)
0A
16
20
1.5A
0.5A
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
8V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
VIN=40V
30V
20V
6
5
4
3
2
1
0
0
0.5
1.0
Output Current IO (A)
1.5
2.0
2.5
3.0
VIN=10V
20V
30V
40V
50
75
100
125
150
175
200
10
8
6
4
2
0
Ambient Temperature Ta (
°C)
TSD OFF
TSD ON
VIN=20V, IO=0A
VIN=20V, IO=0.5A
150
140
130
120
110
100
90
80
70
60
–40 –20
0
20
40
60
80
100 120 140
Ambient Temperature Ta (
°C)
Freq
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
VO
η
90
80
70
60
50
40
30
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
40V
30V
20V
VIN
8V
qSI-8000JF Series


Similar Part No. - SI-8050JF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8050JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com