Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8120JF Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8120JF
Description  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8120JF Datasheet(HTML) 2 Page - Sanken electric

  SI-8120JF Datasheet HTML 1Page - Sanken electric SI-8120JF Datasheet HTML 2Page - Sanken electric SI-8120JF Datasheet HTML 3Page - Sanken electric SI-8120JF Datasheet HTML 4Page - Sanken electric SI-8120JF Datasheet HTML 5Page - Sanken electric SI-8120JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Output Voltage*1
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Overcurrent Protection
Starting Current
ON/OFF*5
Low Level Voltage
Terminal
Leak Current at
Low Voltage
Quiescent Circuit
Current
sElectrical Characteristics
(Ta=25
°C)
Unit
V
%
kHZ
mV
mV
mV/
°C
A
V
µA
mA
µA
Symbol
VO*2
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta*4
IS1
Conditions
VSSL
ISSL
Conditions
Iq
Conditions
Iq(off)
Conditions
sExternal Dimensions
Forming No.1101
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
a
c
12 3 4 5
b
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
(Unit : mm)
a. Part Number
b. Lot Number
c. Logo Mark
Pin Arrangement
q VIN
w SWOUT
e GND
r VOS
t ON/OFF
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
*5: Pin 5 is the ON/OFF pin. Connecting a capacitor to this pin enables the
soft start function. By using this pin, the output can also be turned on or
off.
To stop output, set the ON/OFF pin voltage to VSSL or less. To switch the
potential of the ON/OFF pin, drive the open collector of the trainsistor, etc.
When SI-8000JF is started using the ON/OFF pin, take appropriate action
such as limiting the current for a large-capacity C3 because a discharge
current flows to the ON/OFF control transmistor from C3. The ON/OFF pin
is pulled up to the power supply in the IC, so no external voltage can be
applied. If this pin is not used, leave it open.
SI-8000JF
SI-8000JF
ON/OFF
5
ON/OFF
5
ON/OFF
C3
C3
5
VOUT. ON/OFF
Soft start
Soft start
+VOUT. ON/OFF
SI-8000JF
*1: Reference voltage for SI-8015JF
*3: Reference voltage temperature coefficient for SI-8015JF
*2: VREF for SI-8015JF
*4:
∆VREF/∆Ta for SI-8015JF
qSI-8000JF Series
Rating
SI-8015JF
SI-8025JF
SI-8033JF
SI-8050JF
SI-8090JF
SI-8120JF
min.
typ. max. min.
typ. max. min. typ. max. min. typ. max. min.
typ. max. min.
typ. max.
1.558 1.59 1.622 2.45
2.50
2.55 3.234 3.30 3.366 4.90
5.00
5.10
8.82
9.00
9.18 11.76 12.00 12.24
VIN=12V, IO=0.5A
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
67
74
77
82
86
88
VIN=12V, IO=0.5A
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
125
125
125
125
125
125
VIN=12V, IO=0.5A
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
25
80
25
80
25
80
40
100
50
120
60
130
VIN=8 to 30V, IO=0.5A
VIN=7 to 30V, IO=0.5A
VIN=8 to 30V, IO=1.0A VIN=10 to 30V, IO=1.0A VIN=15 to 30V, IO=1.0A VIN=18 to 30V, IO=1.0A
10
30
10
30
10
30
10
40
10
40
10
40
VIN=12V, IO=0.2 to 0.8A VIN=12V, IO=0.2 to 0.8A VIN=15V, IO=0.5 to 1.5A VIN=20V, IO=0.5 to 1.5A VIN=21V, IO=0.5 to 1.5A VIN=24V, IO=0.5 to 1.5A
±0.5
±0.5
±1.0
±1.0
1.6
1.6
1.6
1.6
1.6
1.6
VIN=12V
VIN=12V
VIN=15V
VIN=20V
VIN=21V
VIN=24V
0.5
0.5
0.5
0.5
0.5
0.5
100
100
100
100
100
100
VSSL=0V
VSSL=0V
VSSL=0V
VSSL=0V
VSSL=0V
VSSL=0V
77
7777
VIN=12V, IO=0A
VIN=12V, IO=0A
VIN=15V, IO=0A
VIN=20V, IO=0A
VIN=21V, IO=0A
VIN=24V, IO=0A
200
200
200
200
200
200
VIN=12V, VON/OFF=0.3V VIN=12V, VON/OFF=0.3V VIN=15V, VON/OFF=0.3V VIN=20V, VON/OFF=0.3V VIN=21V, VON/OFF=0.3V VIN=24V, VON/OFF=0.3V
Temperature Coefficient of
Output Voltage*3


Similar Part No. - SI-8120JF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8120JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com