Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST180S16P1 Datasheet(PDF) 2 Page - International Rectifier

Part # ST180S16P1
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S16P1 Datasheet(HTML) 2 Page - International Rectifier

  ST180S16P1 Datasheet HTML 1Page - International Rectifier ST180S16P1 Datasheet HTML 2Page - International Rectifier ST180S16P1 Datasheet HTML 3Page - International Rectifier ST180S16P1 Datasheet HTML 4Page - International Rectifier ST180S16P1 Datasheet HTML 5Page - International Rectifier ST180S16P1 Datasheet HTML 6Page - International Rectifier ST180S16P1 Datasheet HTML 7Page - International Rectifier ST180S16P1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST180S Series
2
Bulletin I25165 rev. C 03/03
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J
= T
J
max
VV
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
ST180S
30
I
T(AV)
Max. average on-state current
200
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
314
A
DC @ 76°C case temperature
I
TSM
Max. peak, one-cycle
5000
t = 10ms
No voltage
non-repetitive surge current
5230
t = 8.3ms
reapplied
4200
t = 10ms
100% V
RRM
4400
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
125
t = 10ms
No voltage
Initial T
J
= T
J
max.
114
t = 8.3ms
reapplied
88
t = 10ms
100% V
RRM
81
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√t for fusing
1250
KA
2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)
2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.75
V
I
pk
= 570A, T
J
= 125°C, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Max. (typical) latching current
1000 (300)
1.08
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
1.18
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
1.14
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
ST180S
Units Conditions
1.14
(I >
π x I
T(AV)
),T
J
= T
J
max.
On-state Conduction
KA
2s
V
m
mA
T
J
= T
J
max, anode supply 12V resistive load
A
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r
1µs
of turned-on current
T
J
= T
J
max, anode voltage
≤ 80% V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
I
TM
= 300A, T
J
= T
J
max, di/dt = 20A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p = 500µs
Parameter
ST180S
Units Conditions
t
d
Typical delay time
1.0
Switching
t
q
Typical turn-off time
100
µs
1000
A/µs


Similar Part No. - ST180S16P1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180S16P1 IRF-ST180S16P1 Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1L IRF-ST180S16P1L Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1V IRF-ST180S16P1V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1VL IRF-ST180S16P1VL Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

Similar Description - ST180S16P1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com