Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB20NK50ZT4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB20NK50ZT4
Description  N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NK50ZT4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB20NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 9Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 10Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 11Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 12Page - STMicroelectronics STB20NK50ZT4 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STP20NK50Z - STB20NK50Z - STW20NK50Z - STB20NK50Z-S
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
D
2.20
2.60
0.08
0.10
E
0.40
0.80
0.015
0.03
F
1
1.40
0.04
0.05
F1
3
0.11
F2
2
0.07
F3
2
2.40
0.07
0.09
F4
3
3.40
0.11
0.13
G
10.90
0.43
H
15.45
15.75
0.60
0.62
L
19.85
20.15
0.78
0.79
L1
3.70
4.30
0.14
0.17
L2
18.50
0.72
L3
14.20
14.80
0.56
0.58
L4
34.60
1.36
L5
5.50
0.21
M
2
3
0.07
0.11
V
V2
60º
60º
Dia
3.55
3.65
0.14
0.143
TO-247 MECHANICAL DATA


Similar Part No. - STB20NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NK50ZT4 STMICROELECTRONICS-STB20NK50ZT4 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
More results

Similar Description - STB20NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NK50Z STMICROELECTRONICS-STP20NK50Z_04 Datasheet
380Kb / 13P
   N-CHANNEL 500V -0.23廓- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH??MOSFET
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
   N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
   N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
342Kb / 15P
   N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
STP16NK60Z STMICROELECTRONICS-STP16NK60Z_05 Datasheet
233Kb / 10P
   N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH??MOSFET
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
   N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com