Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU5107-TR3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TFDU5107-TR3
Description  Integrated Low Profile Transceiver Module for Telecom Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU5107-TR3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TFDU5107-TR3 Datasheet HTML 5Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 6Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 7Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 8Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 9Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 10Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 11Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 12Page - Vishay Siliconix TFDU5107-TR3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TFDU5107
Vishay Semiconductors
Rev. A1.4, 01-Nov-02
10 (13)
www.vishay.com
Document Number 82534
Appendix
Application Hints
The TFDU5107 do not need any external components
when operated at a ”clean” power supply. In a more
power supply noisy ambient it is recommended to add
a combination of a resistor and capacitor (R1, C1, C2)
for noise suppression as shown in the figure below. A
combination of a electrolytic for the low frequency
range and a ceramic capacitor for suppressing the
high frequency disturbance will be most effective. The
capacitor C3 is only necessary when inductive wiring
is used or the power supply cannot deliver the
operating peak pulse current.
The inputs TXD and SD are high impedance CMOS
inputs. Therefore, the lines from the I/O to those inputs
should be carefully designed not to pick up ambient
noise. If long lines are used, loads at the Txd input of
the TFDx5x07 and at the Rxd input of the controller (!)
are recommended. At the IRED Anode voltage supply
line an additional capacitor might be necessary when
inductive wiring is used. However, a low impedance
layout is the better and more cost efficient solution. For
adjusting the intensity depending on the application,
see the diagrams.
Recommended Circuit Diagram
TFDU5107
C3
R1
SD
Vlog
Rxd
C1, (C3): 4.7
µF, see text
C2: 470 nF
C1
GND
VCC1
VCC2
Txd
8
6
4
1
3
5
7
GND
Vdd1
Rxd
Vdd2, IRED Anode
Txd
SD
Vlogic
C2
R2
Figure 7. Recommended Application Circuit
Shut Down
To shut down the TFDx5x07 into a standby mode the
SD pin has to be set active. After a delay of < 1 ms it
will switch to the standby mode.
0
100
200
300
400
500
02468
10
12
14
16
Current Control Resistor (
W )
15186
min. intensity in emission cone
"15
°
max.Rdson, max.VF
Vcc=4.75V
min. Rdson, min. VF
5.0V
emission cone
"15°
max. intensity in
5.25V
5.0V
Figure 8. Intensity Ie vs. Current Control Resistor R2
5 V Applications
3.3V
3.6V
0
100
200
300
400
500
600
700
02468
10
12
Current Control Resistor (
W )
15187
emission cone
"15°
Vcc=3.0V
min. Rdson, min. VF
3.3V
max. intensity in
emission cone
"15°
max. Rdson, max. VF
min. intensity in
Figure 9. Intensity Ie vs. Current Control Resistor R1,
3 V Applications
Latency
The receiver is in specified conditions after the defined
latency. In a UART related application after that time
(typically 50
µs) the receiver buffer of the UART must
be cleared. Therefore, the transceiver has to wait at
least the specified latency after receiving the last bit
before starting the transmission to be sure that the
corresponding receiver is in a defined state.


Similar Part No. - TFDU5107-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU5107-TR3 VISHAY-TFDU5107-TR3 Datasheet
295Kb / 17P
   Low Profile Transceiver Module for Telecom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
Rev. 1.7, 05-Dec-05
More results

Similar Description - TFDU5107-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4203 VISHAY-TFDU4203 Datasheet
122Kb / 12P
   Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard
Rev. A1.1, 13-Feb-03
TFDU4202 VISHAY-TFDU4202 Datasheet
208Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Rev. 1.8, 05-Dec-05
TFDU5107 VISHAY-TFDU5107_05 Datasheet
295Kb / 17P
   Low Profile Transceiver Module for Telecom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
Rev. 1.7, 05-Dec-05
TFBS5607 VISHAY-TFBS5607 Datasheet
250Kb / 14P
   Integrated Low Profile Transceiver Module for Telekom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
Rev. A1.3, 17-Jul-02
logo
Texas Instruments
TRF2443 TI-TRF2443 Datasheet
1Mb / 72P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6 SEMTECH-LC04-6_05 Datasheet
167Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Linecard Applications
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
XFMRS Inc.
XF0063-01 XFMRS-XF0063-01 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com