Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5300 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS5300
Description  MOBILE CPU POWER SUPPLY CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5300 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5300 Datasheet HTML 6Page - Texas Instruments TPS5300 Datasheet HTML 7Page - Texas Instruments TPS5300 Datasheet HTML 8Page - Texas Instruments TPS5300 Datasheet HTML 9Page - Texas Instruments TPS5300 Datasheet HTML 10Page - Texas Instruments TPS5300 Datasheet HTML 11Page - Texas Instruments TPS5300 Datasheet HTML 12Page - Texas Instruments TPS5300 Datasheet HTML 13Page - Texas Instruments TPS5300 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TPS5300
SLVS334A – DECEMBER 2000 – REVISED SEPTEMBER 2001
10
www.ti.com
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
VHYST
8
I
Ripple regulator hysteresis set terminal. The hysteresis is set with a resistor divider from VREFB to ANGND.
The hysteresis voltage window will be
± the voltage between VREFB and VHYST.
VID0
27
I
VID1
26
I
Voltage identification inputs 0, 1, 2, 3, and 4. These terminals are digital inputs that set the output voltage of
VID2
25
I
Voltage identification in uts 0, 1, 2, 3, and 4. These terminals are digital in uts that set the out ut voltage of
the converter. The code pattern for setting the output voltage is located in the terminal functions table. These
VID3
24
I
the converter. The code attern for setting the out ut voltage is located in the terminal functions table. These
terminals are internally pulled up to VBIAS.
VID4
23
I
VREFB
7
O
Buffered ripple regulator reference voltage from VID network
VR_ON
22
I
Enables the drive signals to the MOSFET drivers. The comparator input can be used to monitor voltage,
such as the linear regulators’ input supply using a resistor divider.
VSENSE_CLK
2
I
CLK feedback voltage sense. Connect to CLK linear regulator output voltage to regulate.
VSENSE_CORE
5
I
Feedback voltage sense input for the core. Connect to ripple regulator output voltage to sense and regulate
output voltage. It is recommended that an RC low-pass filter be connected at this pin to filter high-frequency
noise.
VSENSE_IO
31
I
I/O feedback voltage sense. Connect to I/O linear regulator output voltage to regulate.
detailed description
reference/voltage identification
The reference /voltage programming (VP) section consists of a temperature-compensated, bandgap reference
and a 5-bit voltage selection network. The five VID pins are inputs to the VID selection network and are TTL
compatible inputs that are internally pulled up to VCC with pullup resistors. The internal reference voltage can
be programmed from 0.925 V to 2 V with the VID pins. The VID codes are listed in Table 1. The output voltage
of the VP network, Vref, is within ±1.5% of the nominal setting. The ±1.5% tolerance is over the full VP range
of 0.925 V to 2 V, and includes a junction temperature range of 0
°C to 125°C, and a VCC range of 4.5 V to 5.5 V.
The output of the reference/VP network is indirectly brought out through a buffer to the VREFB pin. The voltage
on this pin will be within
±5 mV of Vref. It is not recommended to drive loads with VREFB, other than setting the
hysteresis of the hysteretic comparator, because the current drawn from VREFB sets the charging current for
the slowstart capacitor. Refer to the slowstart section for additional information.


Similar Part No. - TPS5300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014DGS TI1-TPS53014DGS Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014DGSR TI1-TPS53014DGSR Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Similar Description - TPS5300

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
   Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
   Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
logo
STMicroelectronics
L5996 STMICROELECTRONICS-L5996 Datasheet
77Kb / 9P
   5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com