Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72615DCQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72615DCQ
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72615DCQ Datasheet(HTML) 1 Page - Texas Instruments

  TPS72615DCQ Datasheet HTML 1Page - Texas Instruments TPS72615DCQ Datasheet HTML 2Page - Texas Instruments TPS72615DCQ Datasheet HTML 3Page - Texas Instruments TPS72615DCQ Datasheet HTML 4Page - Texas Instruments TPS72615DCQ Datasheet HTML 5Page - Texas Instruments TPS72615DCQ Datasheet HTML 6Page - Texas Instruments TPS72615DCQ Datasheet HTML 7Page - Texas Instruments TPS72615DCQ Datasheet HTML 8Page - Texas Instruments TPS72615DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Note: Tab is GND for both packages
1
KTT PACKAGE
(TOP VIEW)
2 3 4 5
DDPAK
1
2
3
4
5
DCQ PACKAGE
OUT
GND
IN
ENABLE
SOT223-5
(TOP VIEW)
RESET
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
SLVS403F – MAY 2002 – REVISED MAY 2005
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
1-A Low-Dropout Regulator Supports Input
The TPS726xx family of 1-A low-dropout (LDO) linear
Voltages Down to 1.8-V
regulators has fixed voltage options available that are
commonly used to power the latest DSPs, FPGAs,
Available in 1.26-V, 1.5-V, 1.6-V, 1.8-V, 2.5-V,
and microcontrollers.
The
integrated
supervisory
and Adjustable (1.22-V to 5.5-V)
circuitry provides an active low RESET signal when
Stable With Any Type/Value Output Capacitor
the output falls out of regulation. The no capaci-
±2% Output Voltage Tolerance Over Line,
tor/any capacitor feature allows the customer to tailor
Load, and Temperature (–40°C to 125°C)
output transient performance as needed. Therefore,
compared to other regulators capable of providing the
Integrated Supervisor (SVS) With 200-ms
same output current, this family of regulators can
RESET Delay Time
provide a stand alone power supply solution or a post
Low 170-mV Dropout Voltage at 1 A
regulator for a switch mode power supply.
(TPS72625)
These regulators operate over a wide range of input
Low 210-µA Ground Current at Full Load
voltages (1.8 V to 6 V) and have very low dropout
Less than 1-µA Standby Current
(170 mV at 1-A). Ground current is typically 210 µA at
full load and drops to less than 80 µA at no load.
Integrated UVLO with Thermal and
Standby current is less than 1 µA.
Overcurrent Protection
5-Lead SOT223-5 or DDPAK Surface-Mount
Unlike some regulators that have a minimum current
requirement, the TPS726xx family is stable with no
Package
output load current. The low noise capability of this
family, coupled with its high current operation and
ease of power dissipation, make it ideal for telecom
PCI Cards
boards, modem banks, and other noise sensitive
Modem Banks and Telecom Boards
applications.
DSP, FPGA, and Microprocessor Power
The TPS726xx is available in either a SOT223-5 or
Supplies
DDPAK package. The TPS726126 is available in a
Portable, Battery-Powered Applications
SOT223-5 package only.
1.26-V Core Voltage for the Following DSPs:
– TMS320vC5501
– TMS320vC5502
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72615DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72615DCQ TI-TPS72615DCQ Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615DCQ TI-TPS72615DCQ Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615DCQ TI1-TPS72615DCQ Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615DCQG4 TI-TPS72615DCQG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615DCQG4 TI1-TPS72615DCQG4 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72615DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com