Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25705DGKTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25705DGKTR
Description  HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25705DGKTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC25705DGKTR Datasheet HTML 4Page - Texas Instruments UCC25705DGKTR Datasheet HTML 5Page - Texas Instruments UCC25705DGKTR Datasheet HTML 6Page - Texas Instruments UCC25705DGKTR Datasheet HTML 7Page - Texas Instruments UCC25705DGKTR Datasheet HTML 8Page - Texas Instruments UCC25705DGKTR Datasheet HTML 9Page - Texas Instruments UCC25705DGKTR Datasheet HTML 10Page - Texas Instruments UCC25705DGKTR Datasheet HTML 11Page - Texas Instruments UCC25705DGKTR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGHSPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473A – NOVEMBER 1999 – REVISED MARCH 2001
8
www.ti.com
FUNCTIONAL DESCRIPTION
oscillator without duty cycle clamp (MODE = 0)
In this mode, the timing capacitor is discharged through a low impedance directly to ground. The DISCH pin is
externally grounded. A comparator connected to DISCH senses the ground connection and disables both the
discharge current source and VFF current source. A resistor divider is now required to set VFF.
4
5
RC
DISCH
3
VFF
R
T
C
T
V
IN
Figure 3. Ocsillator Without Clamp (MODE = 0)
In this mode, the on-time is approximately:
T
ON +T
R
T
C
T
where
T+
V
FF
V
IN
The off-time is:
T
OFF [ 75 ns
The frequency is:
f
+
1
T
R
T
C
T ) 75 ns


Similar Part No. - UCC25705DGKTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25705DGKTR TI1-UCC25705DGKTR Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705DGKTRG4 TI1-UCC25705DGKTRG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results

Similar Description - UCC25705DGKTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com