Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72625KTT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS72625KTT
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72625KTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72625KTT Datasheet HTML 7Page - Texas Instruments TPS72625KTT Datasheet HTML 8Page - Texas Instruments TPS72625KTT Datasheet HTML 9Page - Texas Instruments TPS72625KTT Datasheet HTML 10Page - Texas Instruments TPS72625KTT Datasheet HTML 11Page - Texas Instruments TPS72625KTT Datasheet HTML 12Page - Texas Instruments TPS72625KTT Datasheet HTML 13Page - Texas Instruments TPS72625KTT Datasheet HTML 14Page - Texas Instruments TPS72625KTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
P
Dmax +
(3.3 * 2.5) V x 1 A + 800 mW
(7)
RθJAmax + (125 * 55)°C 800 mW + 87.5°C W
(8)
0
100
120
140
160
180
PCB Copper Area − in2
No Air Flow
80
60
40
20
0.1
1
10
0
1
2
3
6
0
25
50
75
100
150
125
TA = 25°C
TA − Ambient Temperature − °C
4
5
4 in2 PCB Area
0.5 in2 PCB Area
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
SLVS403F – MAY 2002 – REVISED MAY 2005
THERMAL INFORMATION (continued)
Substituting TJmax for TJ into Equation 4 gives Equation 8:
From Figure 23, RθJA vs PCB Copper Area, the ground plane needs to be 0.55 in
2 for the part to dissipate 800
mW. The operating environment used to construct Figure 23 consisted of a board with 1 oz. copper planes. The
package is soldered to a 1 oz. copper pad on the top of the board. The pad is tied through thermal vias to the 1
oz. ground plane.
Figure 23. SOT223 Thermal Resistance vs PCB AREA
From the data in Figure 23 and rearranging Equation 4, the maximum power dissipation for a different ground
plane area and a specific ambient temperature can be computed (as shown in Figure 24).
Figure 24. SOT223 Power Dissipation
11


Similar Part No. - TPS72625KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72625KTT TI-TPS72625KTT Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72625KTT TI-TPS72625KTT Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72625KTT TI1-TPS72625KTT Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72625KTTR TI-TPS72625KTTR Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72625KTTRG3 TI-TPS72625KTTRG3 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72625KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com