Electronic Components Datasheet Search |
|
TPS76850QPWP Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS76850QPWP Datasheet(HTML) 2 Page - Texas Instruments |
2 / 23 page www.ti.com DESCRIPTION (CONTINUED) † See application information section for capacitor selection details. PG OUT OUT 7 6 5 IN IN EN GND 3 16 14 13 VI 0.1 µF PG VO 10 µF + TPS768xx Co† TPS76815Q, TPS76818Q, TPS76825Q TPS76827Q, TPS76828Q, TPS76830Q TPS76833Q, TPS76850Q, TPS76801Q SLVS211J – JUNE 1999 – REVISED OCTOBER 2004 Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 230 mV at an output current of 1 A for the TPS76850) and is directly proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output loading (typically 85 µA over the full range of output current, 0 mA to 1 A). These two key specifications yield a significant improvement in operating life for battery-powered systems. This LDO family also features a sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than 1 µA at TJ = 25°C. Power good (PG) is an active high output, which can be used to implement a power-on reset or a low-battery indicator. The TPS768xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V, and 5.0-V fixed-voltage versions and in an adjustable version (programmable over the range of 1.2 V to 5.5 V). Output voltage tolerance is specified as a maximum of 2% over line, load, and temperature ranges. The TPS768xx family is available in 8-pin SOIC and 20-pin PWP packages. AVAILABLE OPTIONS OUTPUT VOLTAGE (V) PACKAGED DEVICES(1) TJ TYP TSSOP (PWP) SOIC (D) 5.0 TPS76850Q TPS76850Q 3.3 TPS76833Q TPS76833Q 3.0 TPS76830Q TPS76830Q 2.8 TPS76828Q TPS76828Q 40 °C to 125°C 2.7 TPS76827Q TPS76827Q 2.5 TPS76825Q TPS76825Q 1.8 TPS76818Q TPS76818Q 1.5 TPS76815Q TPS76815Q Adjustable 1.2 V to 5.5 V TPS76801Q TPS76801Q (1) The TPS76801 is programmable using an external resistor divider (see application information). The D and PWP packages are available taped and reeled. Add an R suffix to the device type (e.g., TPS76801QDR). Figure 1. Typical Application Configuration (For Fixed Output Options) 2 |
Similar Part No. - TPS76850QPWP |
|
Similar Description - TPS76850QPWP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |