Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49LF004TL-33C Datasheet(PDF) 2 Page - AMIC Technology

Part # A49LF004TL-33C
Description  4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF004TL-33C Datasheet(HTML) 2 Page - AMIC Technology

  A49LF004TL-33C Datasheet HTML 1Page - AMIC Technology A49LF004TL-33C Datasheet HTML 2Page - AMIC Technology A49LF004TL-33C Datasheet HTML 3Page - AMIC Technology A49LF004TL-33C Datasheet HTML 4Page - AMIC Technology A49LF004TL-33C Datasheet HTML 5Page - AMIC Technology A49LF004TL-33C Datasheet HTML 6Page - AMIC Technology A49LF004TL-33C Datasheet HTML 7Page - AMIC Technology A49LF004TL-33C Datasheet HTML 8Page - AMIC Technology A49LF004TL-33C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A49LF004
4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
Preliminary
PRELIMINARY
(November, 2003, Version 0.0)
1
AMIC Technology, Corp.
FEATURES
• Single Power Supply Operation
-
Low voltage range: 3.0 V - 3.6 V for Read and Write
Operations
• Standard Intel Firmware Hub Interface
-
Read compatible to Intel® 82802 Firmware
Hub devices
• Memory Configuration
-
512K x 8 (4 Mbit)
• Block Architecture
-
4Mbit: eight uniform 64KByte blocks
-
Supports full chip erase for Address/Address
Multiplexed (A/A Mux) mode
• Automatic Erase and Program Operation
-
Embedded Byte Program and Block/Chip Erase
algorithms
-
Typical 10 µs/byte programming time
-
Typical 1s block erase time
• Two Operational Modes
-
Firmware Hub Interface (FWH) Mode for in-system
operation
-
Address/Address Multiplexed (A/A Mux) Interface
Mode for programming equipment
• Firmware Hub (FWH) Mode
-
33 MHz synchronous operation with PCI bus
-
5-signal communication interface for in-system read
and write operations
-
Standard SDP Command Set
-
Data# Polling (I/O7) and Toggle Bit (I/O6) features
-
Block Locking Register for all blocks
-
4 ID pins for multi-chip selection
-
5 GPI pins for General Purpose Input Register
-
TBL# pin for hardware write protection to Boot Block
-
WP# pin for hardware write protection to whole
memory array except Boot Block
• Address/Address Multiplexed (A/A Mux) Mode
-
11-pin multiplexed address and 8-pin data I/O
interface
-
Supports fast programming on EPROM programmers
-
Standard SDP Command Set
-
Data# Polling (I/O7) and Toggle Bit (I/O6) features
• Lower Power Consumption
-
Typical 12mA active read current
-
Typical 24mA program/erase current
• High Product Endurance
-
Guarantee 100,000 program/erase cycles for each
block
-
Minimum 20 years data retention
• Compatible Pin-out and Packaging
-
32-pin (8 mm x 14 mm) TSOP (TYPE I)
-
32-pin PLCC
GENERAL DESCRIPTION
The A49LF004 flash memory device is designed to be read-
compatible with the Intel 82802 Firmware Hub (FWH)
device for PC-BIOS application. This device is designed to
use a single low voltage, range from 3.0 Volt to 3.6 Volt
power supply to perform in-system or off-system read and
write operations. It provides protection for the storage and
update of code and data in addition to adding system
design flexibility through five general-purpose inputs. Two
interface modes are supported by the A49LF004: Firmware
Hub (FWH) Interface mode for In-System programming and
Address/Address Multiplexed (A/A Mux) mode for fast
factory programming of PC-BIOS applications.
The memory is divided into eight uniform 64Kbyte blocks
that can be erased independently without affecting the data
in other blocks. Blocks also can be protected individually to
prevent accidental Program or Erase commands from
modifying the memory. The Program and Erase operations
are executed by issuing the Program/Erase commands into
the command interface by which activating the internal
control logic to automatically process the Program/Erase
procedures. The device can be programmed on a byte-by-
byte basis after performing the Erase operation. In addition
to the Block Erase operation, the Chip Erase feature is
provided in A/A Mux mode that allows the whole memory to
be erased in one single Erase operation. The A49LF004
provides the status detection such as Data# Polling and
Toggle Bit Functions in both FWH and A/A Mux modes. The
process or completion of Program and Erase operations
can be detected by reading the status bits.
The A49LF004 is offered in 32-lead TSOP and 32-lead
PLCC packages. See Figures 1 and 2 for pin assignments
and Table 1 for pin descriptions.


Similar Part No. - A49LF004TL-33C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33 AMICC-A49LF040ATL-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33F AMICC-A49LF040ATL-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33 AMICC-A49LF040ATX-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Similar Description - A49LF004TL-33C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com