Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8861AEEV300Y Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8861AEEV300Y
Description  600mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8861AEEV300Y Datasheet(HTML) 6 Page - Analog Microelectronics

  AME8861AEEV300Y Datasheet HTML 1Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 2Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 3Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 4Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 5Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 6Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 7Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 8Page - Analog Microelectronics AME8861AEEV300Y Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AME, Inc.
6
600mA CMOS LDO
AME8861
Ground Current vs. Input Voltage
Load Step (1mA-600mA)
Drop Out Voltage vs. Output Voltage
Power Supply Rejection Ratio
Safe Operating Area
Power Supply Rejection Ratio
Input V oltage (V )
0
5
10
15
20
25
30
35
40
45
01234
5
6
7
8
85
O
C
25
O
C
100m A
10m A
1m A
100
µA
100m A
100
µA
C
L =2 .2 µF T a ntalum
C
BY P =0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
1K
100K
Frequency (Hz)
10M
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
10
1K
100K
10M
Frequency (Hz)
C
L =2 .2 µF T antalum
C
BY P = 1000pF
100m A
100
µA
1m A
10m A
100m A
100
µA
TIME ( 20mS/DIV)
I
Load
Output
C
L
=2.2
µF
CIN=2.2
µF
0
270
400
650
1.2
2
3
Input-Output Voltage Differential (V)
0
200
400
600
800
1000
1200
12
3
4
5
6
I
LOAD=600mA
Output Voltage (V)


Similar Part No. - AME8861AEEV300Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8861AEEV300Y AME-AME8861AEEV300Y Datasheet
184Kb / 13P
   600mA CMOS LDO
More results

Similar Description - AME8861AEEV300Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com