Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGC420 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGC420
Description  Self-Biased BFP420
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGC420 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGC420 Datasheet HTML 1Page - Infineon Technologies AG BGC420 Datasheet HTML 2Page - Infineon Technologies AG BGC420 Datasheet HTML 3Page - Infineon Technologies AG BGC420 Datasheet HTML 4Page - Infineon Technologies AG BGC420 Datasheet HTML 5Page - Infineon Technologies AG BGC420 Datasheet HTML 6Page - Infineon Technologies AG BGC420 Datasheet HTML 7Page - Infineon Technologies AG BGC420 Datasheet HTML 8Page - Infineon Technologies AG BGC420 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BGC420
High Frequency Products
1
Edition A13, 05/99
Type
Marking
Ordering Code
(8-mm taped)
Pin Configuration
(circuit Diagram)
Package
BGC420
42s
Q62702-G0092
see below
SCT598
Description
The BGC420 is a silicon self biased RF Transistor (Q1). It offers an adjustable collector current
nearly independent from device voltage in the range from 2.0V to 4.5V. Additionally a control pin
(Vc) for switching the device off is provided. The collector current can be adjusted by connecting a
resistor (Rx) between Vcc and Vr.
Self-Biased BFP420
l SIEGET®25- Technology
l Small SCT598-Package
l Control Pin For Switching The Device Off
l Current Easy Adjustable By An External Resistor
l Voltage Independent Current (2V – 4.5V)
ESD: Electrostatic discharge sensitive device, observe
handling precautions!
Equivalent Circuit
RFin
RFout
Q1
GND
Active
Bias
Circuit
Vb
Vc
Vcc
Vr
Pin Connections, SCT598
Vr,5
RFout,6
GND,7
Vc, 8
4,Vcc
3, Vb
2, GND
1,RFin
Note: Top View
VPW05982
7
5
2
3
1
4
6
8


Similar Part No. - BGC420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGC405 INFINEON-BGC405 Datasheet
129Kb / 10P
   Self-Biased BFP405
A13, 06/00
More results

Similar Description - BGC420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGC405 INFINEON-BGC405 Datasheet
129Kb / 10P
   Self-Biased BFP405
A13, 06/00
logo
United Monolithic Semic...
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
   10-16GHz Self biased Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
INA-12063 HP-INA-12063 Datasheet
351Kb / 24P
   1.5 GHz Low Noise Self-Biased Transistor Amplifier
logo
United Monolithic Semic...
CHR2294 UMS-CHR2294 Datasheet
137Kb / 6P
   25-35GHz Single Side Band Mixer Self biased
MFC-PO10892 UMS-MFC-PO10892 Datasheet
157Kb / 6P
   35-45GHz Single Side Band Mixer Self biased
CHM1294 UMS-CHM1294_15 Datasheet
124Kb / 6P
   35-45GHz Self biased Single Side Band Mixer
CHR2294 UMS-CHR2294_15 Datasheet
210Kb / 8P
   25-35GHz Single Side Band Mixer Self biased
logo
Vishay Siliconix
SSTD89A VISHAY-SSTD89A Datasheet
31Kb / 4P
   N-Channel JFET with Built-In Self-Biased Diodes
Rev. B, 23-Oct-00
logo
Tyco Electronics
2086SERIES MACOM-2086SERIES Datasheet
314Kb / 2P
   Biased & Zero Biased Schottky Detectors
logo
Infineon Technologies A...
BGB420 INFINEON-BGB420 Datasheet
477Kb / 10P
   Active Biased Transistor
2001-08-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com