Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54A-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAT54A-GS18
Description  Small Signal Schottky Diodes, Single Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54A-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAT54A-GS18 Datasheet HTML 1Page - Vishay Siliconix BAT54A-GS18 Datasheet HTML 2Page - Vishay Siliconix BAT54A-GS18 Datasheet HTML 3Page - Vishay Siliconix BAT54A-GS18 Datasheet HTML 4Page - Vishay Siliconix BAT54A-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54 / 54A / 54C / 54S
Document Number 85508
Rev. 1.6, 24-Nov-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Typical Forward Voltage Forward Current at Various
Temperatures
Figure 2. Typical Capacitance °C vs. Reverse Applied Voltage VR
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2 1.4
1000
100
10
1
0.1
VF in V
TJ = -40°
ˇ
C
TJ =25ˇ°C
TJ = 125°
ˇ
C
18025
0
0
4
812
10
12
14
8
6
4
2
VR in V
16
20
24
28
18026
0.01
0
5
10
15
20
25
30
1000
100
10
1
0.1
VR in V
TJ = 25°ˇC
TJ =50ˇ°C
TJ =75°ˇC
TJ =125°ˇC
TJ =100°ˇC
18027


Similar Part No. - BAT54A-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54A-G VISHAY-BAT54A-G Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54A-G3-0 VISHAY-BAT54A-G3-0 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
BAT54A-G3-18 VISHAY-BAT54A-G3-18 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
More results

Similar Description - BAT54A-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAT54-V VISHAY-BAT54-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com