Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT54C-GS08
Description  Small Signal Schottky Diodes, Single Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT54C-GS08 Datasheet HTML 1Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 2Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 3Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 4Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT54 / 54A / 54C / 54S
Document Number 85508
Rev. 1.6, 24-Nov-04
Vishay Semiconductors
www.vishay.com
1
Top View
Top View
BAT54
BAT54C
BAT54A
BAT54S
18034
12
3
12
3
12
3
12
3
Small Signal Schottky Diodes, Single & Dual
Features
• These diodes feature very low turn-on voltage and
fast switching.
• These devices are protected by a PN junction
guard ring against excessive voltage, such as
electrostatic discharges.
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.8 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page.
Part
Ordering code
Marking
Remarks
BAT54
BAT54-GS18 or BAT54-GS08
L4
Tape and Reel
BAT54A
BAT54A-GS18 or BAT54A-GS08
L42
Tape and Reel
BAT54C
BAT54C-GS18 or BAT54C-GS08
L43
Tape and Reel
BAT54S
BAT54S-GS18 or BAT54S-GS08
L44
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Forward continuous current
IF
2001)
mA
Repetitive peak forward current
IFRM
3001)
mA
Surge forward current current
tp < 1 s
IFSM
6001)
mA
Power dissipation
Ptot
230
mW


Similar Part No. - BAT54C-GS08

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAT54C-G COMCHIP-BAT54C-G Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Vishay Siliconix
BAT54C-G VISHAY-BAT54C-G Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54C-G3-08 VISHAY-BAT54C-G3-08 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
BAT54C-G3-18 VISHAY-BAT54C-G3-18 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
More results

Similar Description - BAT54C-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAT54-V VISHAY-BAT54-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com