Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27952SD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27952SD
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27952SD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27952SD Datasheet HTML 1Page - National Semiconductor (TI) LM27952SD Datasheet HTML 2Page - National Semiconductor (TI) LM27952SD Datasheet HTML 3Page - National Semiconductor (TI) LM27952SD Datasheet HTML 4Page - National Semiconductor (TI) LM27952SD Datasheet HTML 5Page - National Semiconductor (TI) LM27952SD Datasheet HTML 6Page - National Semiconductor (TI) LM27952SD Datasheet HTML 7Page - National Semiconductor (TI) LM27952SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
LM27952
14-pin No-Pullback Leadless Leadframe Package (LLP-14)
4mm x 3mm x 0.8mm
NS Package Number SDA14A
20148002
Pin Description
Pin
Name
Description
1
C2+
Flying Capacitor C2 Connection
2V
OUT
Pre-Regulated Charge Pump Output
3
C1+
Flying Capacitor C1 Connection
4
D4
Regulated Current Sink Input.
5
D3
Regulated Current Sink Input.
6
D2
Regulated Current Sink Input.
7
D1
Regulated Current Sink Input.
8I
SET
Current Set Input. Placing a resistor (R
SET) between this pin and GND sets
the LED current for all the LEDs. LED Current = 200 x (1.25V ÷ R
SET).
9
EN
Enable Logic Input Pin. Logic Low = Shut Down, Logic High = Enabled. There
is a 150k
Ω (typ.) resistor connected internally between the EN pin and GND.
10
PWM
Current Sink Modulation Logic Input Pin. Logic Low = Off, Logic High = On.
Applying a Pulse Width Modulated (PWM) signal to this pin allows the
regulated current sinks to be modulated without shutting down the internal
Charge Pump and the V
OUT node.
11
V
IN
Input Supply Range: 3.0V to 5.5V.
12
C2-
Flying Capacitor C2 Connection.
13
GND
Power Supply Ground Connection.
14
C1-
Flying Capacitor C1 Connection.
Ordering Information
Order Number
Package Description
Package Marking
Supplied as Tape and Reel
(Units)
LM27952SD
No-Pullback
LLP-14
XXXXX
YYYYY = D005B
1000
LM27952SDX
4500
www.national.com
2


Similar Part No. - LM27952SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27952SD/NOPB TI1-LM27952SD/NOPB Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27952SDX/NOPB TI1-LM27952SDX/NOPB Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Similar Description - LM27952SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com