Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1429 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1429
Description  15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1429 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1429 Datasheet HTML 2Page - Maxim Integrated Products MAX1429 Datasheet HTML 3Page - Maxim Integrated Products MAX1429 Datasheet HTML 4Page - Maxim Integrated Products MAX1429 Datasheet HTML 5Page - Maxim Integrated Products MAX1429 Datasheet HTML 6Page - Maxim Integrated Products MAX1429 Datasheet HTML 7Page - Maxim Integrated Products MAX1429 Datasheet HTML 8Page - Maxim Integrated Products MAX1429 Datasheet HTML 9Page - Maxim Integrated Products MAX1429 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
15-Bit, 100Msps ADC with -77.7dBFS
Noise Floor for Baseband Applications
6
_______________________________________________________________________________________
HD2/HD3 vs. SAMPLING FREQUENCY
(fIN = 15MHz, AIN = -1dBFS)
fCLK (MHz)
90
80
30
40
50
60
70
-105
-100
-95
-90
-85
-80
-75
-110
20
100
HD2
HD3
SNR vs. ANALOG INOUT AMPLITUDE
(fCLK = 100.0997MHz, fIN = 15.0021MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-10
-20
-60
-50
-40
-30
72
73
74
75
76
77
78
79
71
-70
0
SFDR1/SFDR2 vs. ANALOG INOUT AMPLITUDE
(fCLK = 100.0997MHz, fIN = 15.0021MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-10
-20
-60
-50
-40
-30
85
90
95
100
105
110
115
120
70
75
80
-70
0
SFDR2
SFDR1
HD2/HD3 vs. ANALOG INPUT AMPLITUDE
(fCLK = 100.0997MHz, fIN = 15.0021MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-10
-20
-60
-50
-40
-30
-70
0
-130
-120
-110
-100
-90
-80
-70
-140
HD3
HD2
SNR vs. TEMPERATURE (fCLK = 100.0997MHz,
fIN = 15.0021MHz, AIN = -1dBFS)
TEMPERATURE (
°C)
60
35
-15
10
71
72
73
74
75
76
77
78
70
-40
85
Typical Operating Characteristics (continued)
(AVCC = 5V, DVCC = DRVCC = 2.5V, INP and INN driven differentially with a -1dBFS amplitude, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 100MHz, TA = +25°C. All AC data is based on a 32k-point
FFT record and under coherent sampling conditions.)


Similar Part No. - MAX1429

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1420 MAXIM-MAX1420 Datasheet
235Kb / 6P
   Easy Data Capture Configuration
Rev 0; 5/01
MAX1420CCM MAXIM-MAX1420CCM Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1420ECM MAXIM-MAX1420ECM Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1420EVKIT MAXIM-MAX1420EVKIT Datasheet
235Kb / 6P
   Easy Data Capture Configuration
Rev 0; 5/01
More results

Similar Description - MAX1429

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com