Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC2309-200 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SFC2309-200
Description  Flip Chip TVS Diode with T-Filter for Color LCD Interface Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SFC2309-200 Datasheet(HTML) 4 Page - Semtech Corporation

  SFC2309-200 Datasheet HTML 1Page - Semtech Corporation SFC2309-200 Datasheet HTML 2Page - Semtech Corporation SFC2309-200 Datasheet HTML 3Page - Semtech Corporation SFC2309-200 Datasheet HTML 4Page - Semtech Corporation SFC2309-200 Datasheet HTML 5Page - Semtech Corporation SFC2309-200 Datasheet HTML 6Page - Semtech Corporation SFC2309-200 Datasheet HTML 7Page - Semtech Corporation SFC2309-200 Datasheet HTML 8Page - Semtech Corporation SFC2309-200 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2003 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SFC2309-200
Applications Information
Device Connection Options
The SFC2309-200 has solder bumps located in a 5 x 5
matrix layout on the active side of the device. The
bumps are designated by the numbers 1 - 5 along the
horizontal axis and letters A - E along the vertical axis.
The input of the lines to be protected are connected at
bumps A1 - A5 and B1 - B5. The line outputs are
connected at bumps D1 - D5 and E1 - E5. Bumps C1 -
C5 are connected to ground. All path lengths should
be kept as short as possible to minimize the effects of
parasitic inductance in the board traces.
Wafer Level CSP TVS
CSP TVS devices are wafer level chip scale packages.
They eliminate external plastic packages and leads and
thus result in a significant board space savings. Manu-
facturing costs are minimized since they do not require
an intermediate level interconnect or interposer layer
for reliable operation. They are compatible with cur-
rent pick and place equipment further reducing manu-
facturing costs. Certain precautions and design
considerations have to be observed however for
maximum solder joint reliability. These include solder
pad definition, board finish, and assembly parameters.
Printed Circuit Board Mounting
Non-solder mask defined (NSMD) land patterns are
recommended for mounting flip chip devices. Solder
mask defined (SMD) pads produce stress points at the
solder mask to solder ball interface that can result in
solder joint cracking when exposed to extreme fatigue
conditions. The recommended pad size is 0.275 ±
0.010 mm with a minimum solder mask opening of
0.325 mm.
Grid Courtyard
The recommended grid placement courtyard is 2.7 x
2.7 mm. The grid courtyard is intended to encompass
the land pattern and the component body that is
centered in the land pattern. When placing parts on a
PCB, the highest recommended density is when one
courtyard touches another.
Pin Identification and Configuration (Ball Side View)
n
i
Pn
o
i
t
a
c
i
f
i
t
n
e
d
I
5
A
-
1
A5
,
4
,
3
,
2
,
1
s
e
n
i
L
,t
u
p
n
I
5
B
-
1
B0
1
,
9
,
8
,
7
,
6
s
e
n
i
L
,t
u
p
n
I
5
C
-
1
Cd
n
u
o
r
G
5
D
-
1
D0
1
,
9
,
8
,
7
,
6
s
e
n
i
L
,t
u
p
t
u
O
5
E
-
1
E5
,
4
,
3
,
2
,
1
s
e
n
i
L
,t
u
p
t
u
O
Layout Example (Ball Side View)
1
6273
8
4
9
5
10
61
728
3
9
4 10
5
Output
Input


Similar Part No. - SFC2309-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
SFC2723AC STMICROELECTRONICS-SFC2723AC Datasheet
84Kb / 1P
   Precision Voltage Regulators
SFC2723AEC STMICROELECTRONICS-SFC2723AEC Datasheet
84Kb / 1P
   Precision Voltage Regulators
SFC2723AM STMICROELECTRONICS-SFC2723AM Datasheet
84Kb / 1P
   Precision Voltage Regulators
logo
List of Unclassifed Man...
SFC2761 ETC1-SFC2761 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - SFC2309-200

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
   CSP TVS Flip Chip TVS Diode Array
ECLAMP2374KQ SEMTECH-ECLAMP2374KQ Datasheet
977Kb / 9P
   ESD/EMI Protection for Color LCD
logo
Formosa MS
ESD5LFN5.0C FORMOSA-ESD5LFN5.0C Datasheet
56Kb / 7P
   Chip Low Capacitance TVS Diode For ESD Protection
ESD9LFN5.0 FORMOSA-ESD9LFN5.0 Datasheet
56Kb / 7P
   Chip Low Capacitance TVS Diode For ESD Protection
ESD9LFN5.0C FORMOSA-ESD9LFN5.0C Datasheet
56Kb / 7P
   Chip Low Capacitance TVS Diode For ESD Protection
ESD5LFN5.0 FORMOSA-ESD5LFN5.0 Datasheet
56Kb / 7P
   Chip Low Capacitance TVS Diode For ESD Protection
logo
Vishay Siliconix
VEMI65A6-FC2 VISHAY-VEMI65A6-FC2 Datasheet
140Kb / 7P
   6-channel Flip-Chip EMI Filter with ESD-Protection
Rev. 1.0, 07-Okt-05
VESD05C-FC1 VISHAY-VESD05C-FC1 Datasheet
137Kb / 5P
   Flip Chip Protection Diode - Chip Size 0402
Rev. 1.1, 14-Jul-04
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4_04 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com