Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC51WKM516AXBN75 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC51WKM516AXBN75
Description  2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC51WKM516AXBN75 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC51WKM516AXBN75 Datasheet HTML 1Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 2Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 3Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 4Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 5Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 6Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 7Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 8Page - Toshiba Semiconductor TC51WKM516AXBN75 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC51WKM516AXBN75
2002-08-22
4/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −25°C to 85°C, VDD = 2.6 to 3.3 V, VDDQ = 1.7 to 2.2 V) (See Note 5 to 11)
SYMBOL
PARAMETER
MIN
MAX
UNIT
tRC
Read Cycle Time
75
10000
ns
tACC
Address Access Time
75
ns
tCO
Chip Enable ( CE1 ) Access Time
75
ns
tOE
Output Enable Access Time
25
ns
tBA
Data Byte Control Access Time
25
ns
tCOE
Chip Enable Low to Output Active
10
ns
tOEE
Output Enable Low to Output Active
0
ns
tBE
Data Byte Control Low to Output Active
0
ns
tOD
Chip Enable High to Output High-Z
20
ns
tODO
Output Enable High to Output High-Z
20
ns
tBD
Data Byte Control High to Output High-Z
20
ns
tOH
Output Data Hold Time
10
ns
tPM
Page Mode Time
75
10000
ns
tPC
Page Mode Cycle Time
30
ns
tAA
Page Mode Address Access Time
30
ns
tAOH
Page Mode Output Data Hold Time
10
ns
tWC
Write Cycle Time
75
10000
ns
tWP
Write Pulse Width
50
ns
tCW
Chip Enable to End of Write
75
ns
tBW
Data Byte Control to End of Write
60
ns
tAW
Address Valid to End of Write
60
ns
tAS
Address Set-up Time
0
ns
tWR
Write Recovery Time
0
ns
tODW
WE Low to Output High-Z
20
ns
tOEW
WE High to Output Active
0
ns
tDS
Data Set-up Time
30
ns
tDH
Data Hold Time
0
ns
tCS
CE2 Set-up Time
0
ns
tCH
CE2 Hold Time
300
µs
tDPD
CE2 Pulse Width
10
ms
tCHC
CE2 Hold from CE1
0
ns
tCHP
CE2 Hold from Power On
30
µs
AC TEST CONDITIONS
PARAMETER
CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDDQ 0.2 V, 0.2 V
Timing measurements
VDDQ × 0.5
Reference level
VDDQ× 0.5
tR, tF
5 ns


Similar Part No. - TC51WKM516AXBN75

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC51WKM616AXBN75 TOSHIBA-TC51WKM616AXBN75 Datasheet
119Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
More results

Similar Description - TC51WKM516AXBN75

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC51WHM516AXGN65 TOSHIBA-TC51WHM516AXGN65 Datasheet
203Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS, 2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
   32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ Datasheet
426Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com