Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6615100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HM6615100
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM6615100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HM6615100 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM6615100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6
6-123
Model HM66 Series
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
HM66-70820
82
0.324
0.70
2
HM66-70101
100
0.358
0.65
2
HM66-801R5
1.5
0.0081
10.0
3
HM66-802R5
2.5
0.0105
7.50
3
HM66-803R8
3.8
0.013
6.00
3
HM66-805R2
5.2
0.022
5.50
3
HM66-807R0
7.0
0.027
4.80
3
HM66-80100
10
0.035
4.40
3
HM66-80150
15
0.050
3.60
3
HM66-80220
22
0.073
2.90
3
HM66-80330
33
0.093
2.30
3
HM66-80470
47
0.128
2.10
3
HM66-80680
68
0.213
1.50
3
HM66-80101
100
0.304
1.35
3
HM66-80151
150
0.506
1.15
3
HM66-80221
220
0.756
0.92
3
HM66-80331
330
1.090
0.70
3
SPECIFICATIONS
Comments: Test conditions for case sizes 10, 15, 20, 30, 80 = 100 kHz, 0.1 V without DC current. Test conditions for case sizes 40, 50, 60, 70 = 10
kHz, 0.1 V without DC current. Rated DC current is the approximate current at which inductance will be decreased by 35% from its initial
(zero DC) value or the DC current at which
∆T = 40°C, whichever is lower.
PACKAGING
Standard:
Embossed Tape & Reel
Reel:
Diameter
=
13” (330.2mm)
Capacity: Case size 10, 15
=
3,000 Units
Case size 20, 30, 40
=
2,000 Units
Case size 50, 60
=
1,500 Units
Case size 70
=
1,000 Units
Case size 80
=
800 Units


Similar Part No. - HM6615100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM6615100LFTR3 BITECH-HM6615100LFTR3 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM6615100

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com